Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 34 Page - Analog Devices

Part # LTM4675
Description  Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4675 Datasheet(HTML) 34 Page - Analog Devices

Back Button LTM4675 Datasheet HTML 30Page - Analog Devices LTM4675 Datasheet HTML 31Page - Analog Devices LTM4675 Datasheet HTML 32Page - Analog Devices LTM4675 Datasheet HTML 33Page - Analog Devices LTM4675 Datasheet HTML 34Page - Analog Devices LTM4675 Datasheet HTML 35Page - Analog Devices LTM4675 Datasheet HTML 36Page - Analog Devices LTM4675 Datasheet HTML 37Page - Analog Devices LTM4675 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 132 page
background image
LTM4681
34
Rev. 0
For more information www.analog.com
OPERATION
power from SVIN_nn. If VBIAS is on at 5.5V output and VIN
is higher than 7.0V, the 5.5V regulator is turned off and
an internal switch is turned on, connecting VBIAS. Using
the VBIAS allows the INTVCC power to be derived from a
high efficiency internal source. VBIAS can provide power
to the internal 3.3V linear regulators when VIN is present,
which allows the LTM4681 controllers to be initialized and
programmed even with channels off.
The INTVCC_nn regulator is powered from the SVIN_nn pin,
the power through the IC is equal to SVIN_nn • IINTVCCnn.
The gate charge current is dependent on operating fre-
quency. The INTVCC_nn regulator can supply up to 100mA,
and the typical INTVCC_nn current for the LTM4681 is
~50mA. A 12V input voltage would equate to a difference
of 7V per controller drop across the internal controller,
when multiplied by 50mA equals a 350mW power loss.
This loss can be eliminated by ultilizing the VBIAS regulator.
Do not tie INTVCC_nn on the LTM4681 to an external sup-
ply because INTVCC_nn will attempt to pull the external
supply high and hit current limit, significantly increasing
the die temperature.
For applications where VIN is 5V, tie the SVIN_nn and
INTVCC_nn pins together to the 5V input through a 1Ω
resistor as shown in Test Circuit 2.
OUTPUT CURRENT SENSING AND SUB MILLIOHM
DCR CURRENT SENSING
The LTM4681 use a unique sub-milliohm inductor cur-
rent sensing technique that provides a high level signal
to noise ratio while sensing very low signals in current
mode operation. This enables higher conversion efficien-
cies with the use of the internal sub-milliohm inductors in
heavy load applications. The current limit threshold can
be accurately set with the MFR_PWM_MODE[7] for High
and Low range (see page 97).
The internal DCR sensing network, thus current limit are
calculated based on the DCR of the inductor at room tem-
perature. The DCR of the inductor has a large temperature
coefficient, approximately 3900ppm/°C. The temperature
coefficient of the inductor is written to the MFR_IOUT_
CAL_GAIN_TC register. The external temperature is sensed
near the inductor and used to modify the internal current
limit circuit to maintain an essentially constant current
limit with temperature. The current sensed is then digitized
by the LTM4681’s telemetry ADC with an input range of
±128mV, a noise floor of 7µVRMS, and a peak-peak noise of
approximately 46.5µV. The LTM4681 computes the induc-
tor current using the DCR value stored in the IOUT_CAL_
GAIN command and the temperature coefficient stored in
command MFR_IOUT_CAL_GAIN_TC. The resulting cur-
rent value is returned by the READ_IOUT command.
INPUT CURRENT SENSING
To sense the total input current consumed by the
LTM4681’s power stages , a sense resistor is placed
between the supply voltage and the drain of the top
N-channel MOSFET. The IIN_nn+ and IIN_nn– pins are con-
nected to the sense resistor. The filtered voltage is ampli-
fied by the internal high side current sense amplifier and
digitized by the LTM4681’s telemetry ADC. The input cur-
rent sense amplifier has three gain settings of 2x, 4x, and
8x set by the bit[3:2] of the MFR_PWM_CONFIG com-
mand. The maximum input sense voltage for the three
gain settings is 50mV, 25mV, and 10mV respectively. The
LTM4681 computes the input current using the internal
RSENSE value stored in the IIN_CAL_GAIN command. The
resulting measured power stage current is returned by
the READ_IIN command. IIN_01+, IIN_01– for controller
1 (channel 0 and 1), and IIN_23+, IIN_23– for controller 2
(channel 2 and 3).
The LTM4681 uses a 1Ω resistor to measure the SVIN_nn
pin supply current being consumed by each LTM4681
internal controller. This value is returned by the MFR_
READ_ICHIP command. The chip current is calculated by
using the 1Ω value stored in the MFR_ICHIP_CAL_GAIN
command. Refer to the subsection titled Input Current
Sense Amplifier in the Applications Information section
for further details.
PolyPhase LOAD SHARING
Multiple LTM4681s can be arrayed in order to provide a
balanced load-share solution by bussing the necessary
pins. Figure 50 illustrates a 8-Phase design sharing con-
nections required for load sharing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com