Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 11 Page - Analog Devices

Part # LTM4675
Description  Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4675 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTM4675 Datasheet HTML 7Page - Analog Devices LTM4675 Datasheet HTML 8Page - Analog Devices LTM4675 Datasheet HTML 9Page - Analog Devices LTM4675 Datasheet HTML 10Page - Analog Devices LTM4675 Datasheet HTML 11Page - Analog Devices LTM4675 Datasheet HTML 12Page - Analog Devices LTM4675 Datasheet HTML 13Page - Analog Devices LTM4675 Datasheet HTML 14Page - Analog Devices LTM4675 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 132 page
background image
LTM4681
11
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
Note that the maximum ambient temperature consistent with these
specifications is determined by specific operating conditions in
conjunction with board layout, the rated package thermal resistance and
other environmental factors.
Note 3: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to ground unless otherwise
specified
Note 4: The two power inputs—VIN01 and VIN23—and their respective
power outputs—VOUT0,1 and VOUT2,3—are tested independently in
production. A shorthand notation is used in this document that allows
these parameters to be referred to by “VINnn” and “VOUTn”, where n is
permitted to take on a value of 0–3. This italicized, subscripted “n”
notation and convention is extended to encompass all such pin names, as
well as register names with channel-specific, i.e., paged data. For example,
VOUT_COMMANDn refers to the VOUT_COMMAND command code data
located in Pages 0 and 1, which in turn relate to channel 0,2 (VOUT0,2)
and channel 1,3 (VOUT1,3). Registers containing non-page-specific data,
i.e., whose data is “global” to the module or applies to all of the module’s
channels lack the italicized, subscripted “n”, e.g., FREQUENCY_SWITCH.
Note 5: VOUTn (DC) and line and load regulation tests are performed in
production with digital servo disengaged (MFR_PWM_MODEn[6] = 0b)
and low VOUTn range selected MFR_PWM_MODEn[1] = 1b. The digital
servo control loop is exercised in production (setting MFR_PWM_
MODEn[6] = 1b), but convergence of the output voltage to its final settling
value is not necessarily observed in final test—due to potentially long
time constants involved—and is instead guaranteed by the output voltage
readback accuracy specification. Evaluation in application demonstrates
capability; see the Typical Performance Characteristics section.
Note 6: See output current derating curves for different VIN, VOUT, and TA,
located in the Applications Information section.
Note 7: Part tested with PWM disabled. Evalution in appliction
demonstrates capability. TUE(%) = ADC Gain Error (%) + 100 (zero code
offset + ADC Linearity Error)/Actual Value.
Note 8: Minimum on-time is tested at wafer sort.
Note 9: The data conversion is done by default in round robin fashion. All
inputs signals are continuously converted for a typical latency of 90ms.
Setting MFR_ADC_CONTRL value to be 0 to 12, LTM4681 can do fast
data conversion with only 8ms to 10ms. See section PMBus Command
for details.
Note 10: The following telemetry parameters are formatted in PMBus-
defined “Linear Data Format”, in which each register contains a word
comprised of 5 most significant bits—representing a signed exponent, to
be raised to the power of 2—and 11 least significant bits—representing a
signed mantissa: input voltage (on SVIN_nn), accessed via the READ_VIN
command code; output currents (IOUTn), accessed via the READ_IOUTn
command codes; module input current (IVIN_nn + IVIN_nn + ISVIN_nn),
accessed via the READ_IIN command code; channel input currents (IVIN_nn
+ 1/2 • ISVIN_nn), accessed via the MFR_READ_IINn command codes;and
duty cycles of channel 0 and channel 1 switching power stages, accessed
via the READ_DUTY_CYCLEn command codes. This data format limits the
resolution of telemetry readback data to 10 bits even though the internal
ADC is 16 bits and the LTM4681’s internal calculations use 32-bit words.
Note 11: The absolute maximum rating for the SVIN_nn pin is 18V. Input
voltage telemetry (READ_VIN) is obtained by digitizing a voltage scaled
down from the SVIN_nn pin.
Note 12: These typical parameters are based on bench measurements and
are not production tested.
Note 13: EEPROM endurance and retention are guaranteed by wafer-level
testing for data retention. The minimum retention specification applies
for devices whose EEPROM has been cycled less than the minimum
endurance specification, and whose EEPROM data was written to at 0°C
≤ TJ ≤ 85°C. The RESTORE_USER_ALL or MFR_RESET is valid over
the entire operating temperature range and does not influence EEPROM
characteristics.
Note 14: Channel 0 OV/UV comparator threshold accuracy for
MFR_PWM_MODEn[1] = 1b tested in ATE at VVOSNSn+ – VVOSNSn– =
0.5V and 3.6V. 1V condition tested at IC-Level, only. Channel 1 OV/UV
comparator threshold accuracy for MFR_PWM_MODEn[1] = 1b tested
in ATE with VVOSNSn-VSGND = 0.5V and 3.6V. 1.5V condition tested at
IC-level, only. MFR_PWM_MODEn[1] = 1b is the Low Range.
Note 15: Tested at IC-level ATE.
Note 16: The LTM4681’s EEPROM temperature range for valid write
commands is 0°C to 85°C. To achieve guaranteed EEPROM data retention,
execution of the “STORE_USER_ALL” command—i.e., uploading RAM
contents to NVM—outside this temperature range is not recommended.
However, as long as the LTM4681’s EEPROM temperature is less than
130°C, the LTM4681 will obey the STORE_USER_ALL command. Only
when EEPROM temperature exceeds 130°C, the LTM4681 will not act
on any STORE_USER_ALL transactions: instead, the LTM4681 NACKs
the serial command and asserts its relevant CML (communications,
memory, logic) fault bits. EEPROM temperature can be queried prior
to commanding STORE_USER_ALL; see the Applications Information
section.
Note 17: The LTM4681 includes overtemperature protection that is
intended to protect the device during momentary overload conditions.
Junction temperature will exceed 125°C when overtemperature protection
is active. Continuous operation above the specified maximum operating
junction temperature may impair device reliability.
Figure 1. Programmable RCOMPn
CODE
0
5
10
15
20
25
30
35
0
6
12
19
25
31
37
43
50
56
62
4680 F01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com