Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 63 Page - Analog Devices

Part # LTM4675
Description  Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4675 Datasheet(HTML) 63 Page - Analog Devices

Back Button LTM4675 Datasheet HTML 59Page - Analog Devices LTM4675 Datasheet HTML 60Page - Analog Devices LTM4675 Datasheet HTML 61Page - Analog Devices LTM4675 Datasheet HTML 62Page - Analog Devices LTM4675 Datasheet HTML 63Page - Analog Devices LTM4675 Datasheet HTML 64Page - Analog Devices LTM4675 Datasheet HTML 65Page - Analog Devices LTM4675 Datasheet HTML 66Page - Analog Devices LTM4675 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 132 page
background image
LTM4681
63
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
to avoid this problem. Multiple LTM4681s are required
to share one SYNC_nn pin in PolyPhase configurations.
For other configurations, connecting the SYNC_nn pins
to form a single SYNC signal is optional. If the SYNC_nn
pin is shared between LTM4681s, only one LTM4681 con-
trollers can be programmed with a frequency output. All
the other LTM4681s should be programmed to disable
the SYNC_nn output. However their frequency should be
programmed to the nominal desired value.
INPUT CURRENT SENSE AMPLIFIER
The LTM4681 input current sense amplifier can sense the
supply current into the VIN01 and VIN23 power stages pins
using an external sense resistor as shown in the Figure 2
Block Diagram. The RSENSEn value can be programmed
using the MFR_IIN_CAL_GAIN command. Kelvin sensing
is recommended across the RSENSE resistor to eliminate
errors. The MFR_PWM_CONFIG [6:5] sets the input cur-
rent sense amplifier gain. See the MFR_PWM_CONFIG
section. The IIN_OC_WARN_LIMIT command sets the
value of the input current measured by the ADC, in
amperes, that causes a warning indicating the input cur-
rent is high. The READ_IIN value will be used to determine
if this limit has been exceeded. The READ_IIN command
returns the input current, in Amperes, as measured across
the input current sense resistor.
There is an IR voltage drop from the supply to the SVIN_nn
pin due to the current flowing into the SVIN_nn pin. To
compensate for this voltage drop, the MFR_RVIN will
be automatically set to the 1Ω internal sense resistor in
the Figure 2 Block Diagram. The LTM4681 will multiply
the MFR_READ_ICHIP measurement value by this 1Ω
resistor and add this voltage to the measured voltage at
the SVIN_nn pin. Therefore, READ_VIN = VSVIN_PIN +
(MFR_READ_ICHIP • 1Ω) The MFR_READ_ICHIP com-
mand is used to measure the internal controller current.
Using the READ_PIN command allows for reading calcu-
lated input power.
PROGRAMMABLE LOOP COMPENSATION
The LTM4681 offers programmable loop compensation
to optimize the transient response without any hardware
change. The error amplifier gain gm varies from 1.0mS
to 5.76mS, and the compensation resistor RCOMPn varies
from 0kΩ to 62kΩ inside the controller. Two compensa-
tion capacitors, COMPna and COMPnb, are required in
the design and the typical ratio between COMPna and
COMPnb is 10. Also see Figure 2 Block Diagram and
Figure 27.
By adjusting the gm and RCOMPn only, the LTM4681 can
provide a flexible Type II compensation network to opti-
mize the loop over a wide range of output capacitors.
Adjusting the gm will change the gain of the compensation
over the whole frequency range without moving the pole
and zero location, as shown in Figure 28.
Adjusting the RCOMP will change the pole and zero loca-
tion, as shown in Figure 29. It is recommended that the
user determines the appropriate value for the gm and
RCOMPn using the LTPowerCAD tool.
Figure 27. Programmable Loop Compensation
Figure 28. Error Amp gm Adjust
INCREASE gm
FREQUENCY
4681 F28
GAIN
TYPE II COMPENSATION
–
+
VREF
FB
4681 F27
CCOMPH
CCOMPL
COMPnb
RCOMPn
COMPna
gm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com