Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 28 Page - Analog Devices

Part # LTM4675
Description  Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4675 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTM4675 Datasheet HTML 24Page - Analog Devices LTM4675 Datasheet HTML 25Page - Analog Devices LTM4675 Datasheet HTML 26Page - Analog Devices LTM4675 Datasheet HTML 27Page - Analog Devices LTM4675 Datasheet HTML 28Page - Analog Devices LTM4675 Datasheet HTML 29Page - Analog Devices LTM4675 Datasheet HTML 30Page - Analog Devices LTM4675 Datasheet HTML 31Page - Analog Devices LTM4675 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 132 page
background image
LTM4681
28
Rev. 0
For more information www.analog.com
OPERATION
POWER MODULE INTRODUCTION
The LTM4681 is a highly configurable quad 31.25A out-
put standalone nonisolated switching mode step-down
DC/DC power supply with built-in EEPROM NVM (non-
volatile memory) with ECC and I2C-based PMBus/ SMBus
2-wire serial communication interface capable of 400kHz
SCL bus speed. Four output voltages can be regulated
(VOUT0, VOUT1, VOUT2, VOUT3) with a few external input
and output capacitors and pull-up resistors. Readback
telemetry data of input and output voltages and input and
output currents, and module temperatures are continually
digitized cyclically by an integrated 16-bit ADC (analog-to-
digital converter). Many fault thresholds and responses
are customizable. Data can be autonomously saved to
EEPROM when a fault occurs, and the resulting fault log
can be retrieved over I2C at a later time, for analysis. See
Figure 2 and Figure 3 for Block Diagrams. One controller
for channels 0 and 1, 2nd controller for channels 2 and 3.
POWER MODULE OVERVIEW, MAJOR FEATURES
Major Features Include:
n
Dedicated Power Good Indicators
n
Direct Input and Chip Current Sensing
n
Programmable Loop Compensation Parameters
n
TINIT Start-Up Time: 30ms
n
PWM Synchronization Circuit, (See Frequency and
Phasing Section for Details)
n
MFR_ADC_CONTROL for Fast ADC Sampling of One
Parameter (as Fast as 8ms) (See PMBus Command
for Details)
n
Fully Differential Output Sensing for All Four Channels;
VOUT0/VOUT1/VOUT2/VOUT3 All Programmable Up to
3.3V
n
Power-Up and Program EEPROM with VBIAS
n
Input Voltage Up to 16V
n
∆VBE Temperature Sensing
n
SYNC Contention Circuit (Refer to Frequency and
Phase Section for Details)
n
Fault Logging
n
Programmable Output Voltage
n
Programmable Input Voltage On and Off Threshold
Voltage
n
Programmable Current Limit
n
Programmable Switching Frequency
n
Programmable OV and UV Threshold voltage
n
Programmable ON and Off Delay Times
n
Programmable Output Rise/Fall Times
n
Phase-Locked Loop for Synchronous PolyPhase
Operation (2, 3, 4 or 6 Phases)
n
Nonvolatile Configuration Memory with ECC
n
Optional External Configuration Resistors for Key
Operating Parameters
n
Optional Time Base Interconnect for Synchronization
Between Multiple Controllers
n
WP Pin to Protect Internal Configuration
n
Stand Along Operation After User Factory
Configuration
n
PMBus, Version 1.2, 400kHz Compliant Interface
The PMBus interface provides access to important power
management data during system operation including:
n
Internal Controller Temperature
n
Internal Power Channel Temperature
n
Average Output Current
n
Average Output Voltage
n
Average Input Voltage
n
Average Input Current
n
Average Chip Input Current from VIN
n
Configurable, Latched and Unlatched Individual Fault
and Warning Status
Individual channels are accessed through the PMBus
using the PAGE command, i.e., PAGE 0 or 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com