Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 29 Page - Analog Devices

Part # LTM4675
Description  Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4675 Datasheet(HTML) 29 Page - Analog Devices

Back Button LTM4675 Datasheet HTML 25Page - Analog Devices LTM4675 Datasheet HTML 26Page - Analog Devices LTM4675 Datasheet HTML 27Page - Analog Devices LTM4675 Datasheet HTML 28Page - Analog Devices LTM4675 Datasheet HTML 29Page - Analog Devices LTM4675 Datasheet HTML 30Page - Analog Devices LTM4675 Datasheet HTML 31Page - Analog Devices LTM4675 Datasheet HTML 32Page - Analog Devices LTM4675 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 132 page
background image
LTM4681
29
Rev. 0
For more information www.analog.com
OPERATION
Fault reporting and shutdown behavior are fully configu-
rable. Four individual FAULT0, FAULT1, FAULT2, FAULT3,
outputs are provided, both of which can be masked
independently.
Six dedicated pins for ALERT_01, ALERT_23, PGOOD0,
PGOOD1, PGOOD2, PGOOD3 functions are provided. The
shutdown operation also allows all faults to be individually
masked and can be operated in either unlatched (hiccup)
or latched modes.
Individual status commands enable fault reporting over
the serial bus to identify the specific fault event. Fault or
warning detection includes the following:
n
Output Undervoltage/Overvoltage
n
Input Undervoltage/Overvoltage
n
Input and Output Overcurrent
n
Internal Overtemperature
n
Communication, Memory or Logic (CML) Fault
EEPROM WITH ECC
The LTM4681 contains internal EEPROM with ECC
(Error Correction Coding) to store user configuration
settings and fault log information for channels 0 and 1,
and channels 2 and 3. EEPROM endurance retention and
mass write operation time are specified in the Electrical
Characteristics and Absolute Maximum Ratings sections.
Write operations above TJ = 85°C are possible although
the Electrical Characteristics are not guaranteed and the
EEPROM will be degraded. Read operations performed at
temperatures between –40°C and 125°C will not degrade
the EEPROM. Writing to the EEPROM above 85°C will
result in a degradation of retention characteristics. The
fault logging function, which is useful in debugging sys-
tem problems that may occur at high temperatures, only
writes to fault log EEPROM locations. If occasional writes
to these registers occur above 85°C, the slight degrada-
tion in the data retention characteristics of the fault log
will not take away from the usefulness of the function.
It is recommended that the EEPROM not be written when
the die temperature is greater than 85°C. If the die tem-
perature exceeds 130°C, the LTM4681 will disable all
EEPROM write operations. All EEPROM write operations
will be re-enabled when the die temperature drops below
125°C. (The controller will also disable all the switching
when the die temperature exceeds the internal overtem-
perature fault limit 160°C with a 10°C hysteresis).
The degradation in EEPROM retention for temperatures
>125°C can be approximated by calculating the dimen-
sionless acceleration factor using the following equation:
AF
= e
Ea
k
⎛
⎝⎜
⎞
⎠⎟
•
1
TUSE+273
–
1
TSTRESS+273
⎛
⎝⎜
⎞
⎠⎟
⎡
⎣
⎢
⎤
⎦
⎥
where:
AF = acceleration factor
Ea = activation energy = 1.4eV
k = 8.617 • 10–5 eV/K
TUSE = 125°C specified junction temperature
TSTRESS = actual junction temperature in °C
Example: Calculate the effect on retention when operating
at a junction temperature of 130°C for 10 hours.
TSTRESS = 130°C
TUSE = 125°C,
AF = e([(1.4/8.617 • 10
–5) • (1/398 – 1/403)] ) = 1.66
The equivalent operating time at 125°C = 16.6 hours.
Thus the overall retention of the EEPROM was degraded
by 6.6 hours as a result of operating at a junction tempera-
ture of 130°C for 10 hours. The effect of the overstress is
negligible when compared to the overall EEPROM reten-
tion rating of 87,600 hours at a maximum junction tem-
perature of 125°C.
The integrity of the entire onboard EEPROM is checked with
a CRC calculation each time its data is to be read, such as
after a power-on reset or execution of a RESTORE_USER_
ALL command. If a CRC error occurs, the CML bit is set in
the STATUS_BYTE and STATUS_WORD commands, the
EEPROM CRC Error bit in the STATUS_MFR_SPECIFIC
command is set, and the ALERT and RUN pins pulled
low (PWM channels off). At that point the device will only
respond at special address 0x7C, which is activated only
after an invalid CRC has been detected. The chip will also



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com