Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 20 Page - Analog Devices

Part # LTM4675
Description  Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4675 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTM4675 Datasheet HTML 16Page - Analog Devices LTM4675 Datasheet HTML 17Page - Analog Devices LTM4675 Datasheet HTML 18Page - Analog Devices LTM4675 Datasheet HTML 19Page - Analog Devices LTM4675 Datasheet HTML 20Page - Analog Devices LTM4675 Datasheet HTML 21Page - Analog Devices LTM4675 Datasheet HTML 22Page - Analog Devices LTM4675 Datasheet HTML 23Page - Analog Devices LTM4675 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 132 page
background image
LTM4681
20
Rev. 0
For more information www.analog.com
are: 350kHz operation; channel 2 at 0°; and channel 3 at
180°C (convention throughout this document: a phase
angle of 0° means the channel’s switch node rises coinci-
dent with the falling edge of the SYNC pulse). Connecting a
resistor divider from 2.5V to SGND (and using the factory-
default NVM setting of MFR_CONFIG_ALL[6] = 0b) allows
a convenient way to configure multiple LTM4681s with
identical NVM contents for different switching frequencies
of operation and phase interleaving angle settings of intra-
and extra-module-paralleled channels—all, without GUI
intervention or the need to custom pre-program module
NVM contents. (See the Applications Information sec-
tion.) Minimize capacitance—especially when the pin is
left open—to assure accurate detection of the pin state.
VOUT0_CFG (A8): Output Voltage Select Pin for VOUT0,
Coarse Setting. If the VOUT0_CFG and VTRIM0_CFG pins
are both left open—or, if the LTM4681 is configured to
ignore pin-strap (RCONFIG) resistors, i.e., MFR_CONFIG_
ALL[6] = 1b—then the LTM4681s target VOUT0 output
voltage setting (VOUT_COMMAND0) and associated
power-good and OV/UV warning and fault thresholds are
dictated at SVIN_01 power-up according to the LTM4681’s
NVM contents. A resistor divider connected to 2.5V and
to SGND (see Table 1)—in combination with resistor pin
settings on VTRIM0_CFG, and using the factory-default
NVM setting of MFR_CONFIG_ALL[6] = 0b—can be used
to configure the LTM4681’s channel 0 output to power-
up to a VOUT_COMMAND value (and associated output
voltage monitoring and protection/fault-detection thresh-
olds) different from those of NVM contents. (See the
Applications Information section.) Connecting resistor(s)
from VOUT0_CFG to SGND and/or VTRIM0_CFG to SGND
in this manner allows a convenient way to configure mul-
tiple LTM4681s with identical NVM contents for different
output voltage settings all without GUI intervention or
the need to custom-preprogram module NVM contents.
Minimize capacitance especially when the pin is left open
to assure accurate detection of the pin state. Note that use
of RCONFIGs on VOUT0_CFG/VTRIM0_CFG can affect the
VOUT0 range setting (MFR_PWM_MODE0[1]) and loop
gain. For addressed ASEL_01, Page 0x00 corresponds to
channel 0 and Page 0x01 corresponds to Channel 1. See
PAGE description section.
VTRIM0_CFG (D9): Output Voltage Select Pin for VOUT0,
Fine Setting. Works in combination with VOUT0_CFG to
affect the VOUT_COMMAND (and associated output volt-
age monitoring and protection/fault-detection thresholds)
of channel 0, at SVIN_01 power-up. (See VOUT0_CFG and
the Applications Information section.) A resistor divider
from 2.5V to SGND connected to the pin will set the
TRIM value. See Table 2. Minimize capacitance especially
when the pin is left open to assure accurate detection
of the pin state. Note that use of RCONFIGs on VOUT0_
CFG/VTRIM0_CFG can affect the VOUT0 range setting
(MFR_PWM_MODE0[1]) and loop gain. For addressed
ASEL_01, Page 0x00 corresponds to channel 0 and Page
0x01 corresponds to Channel 1. See PAGE command
description section.
VOUT1_CFG (B8): Output Voltage Select Pin for VOUT1,
Coarse Setting. If the VOUT1_CFG and VTRIM1_CFG pins
are both left open—or, if the LTM4681 is configured to
ignore pin-strap (RCONFIG) resistors, i.e., MFR_CONFIG_
ALL[6] = 1b—then the LTM4681s target VOUT1 output
voltage setting (VOUT_COMMAND1) and associated
power-good and OV/UV warning and fault thresholds are
dictated at SVIN_01 power-up according to the LTM4681’s
NVM contents. A resistor divider connected to 2.5V and
to SGND to this pin—in combination with resistor pin
settings on VTRIM1_CFG, and using the factory-default
NVM setting of MFR_CONFIG_ALL[6] = 0b—can be used
to configure the LTM4681’s channel 1 output to power-
up to a VOUT_COMMAND value (and associated output
voltage monitoring and protection/fault-detection thresh-
olds) different from those of NVM contents. (See the
Applications Information section.) Connecting resistor(s)
from VOUT1_CFG to SGND and/or VTRIM1_CFG to SGND
in this manner allows a convenient way to configure mul-
tiple LTM4681s with identical NVM contents for different
output voltage settings all without GUI intervention or
the need to custom-preprogram module NVM contents.
Minimize capacitance especially when the pin is left open
to assure accurate detection of the pin state. Note that use
of RCONFIGs on VOUT1_CFG/VTRIM1_CFG can affect the
VOUT1 range setting (MFR_PWM_MODE1[1]) and loop
gain. For addressed ASEL_01, Page 0x00 corresponds to
channel 0 and Page 0x01 corresponds to Channel 1. See
PAGE description section.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com