Electronic Components Datasheet Search
  English  ▼

X  

OPA191 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA191
Description  OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA191 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA191 Datasheet HTML 9Page - Texas Instruments OPA191 Datasheet HTML 10Page - Texas Instruments OPA191 Datasheet HTML 11Page - Texas Instruments OPA191 Datasheet HTML 12Page - Texas Instruments OPA191 Datasheet HTML 13Page - Texas Instruments OPA191 Datasheet HTML 14Page - Texas Instruments OPA191 Datasheet HTML 15Page - Texas Instruments OPA191 Datasheet HTML 16Page - Texas Instruments OPA191 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
±25
±15
±5
5
15
25
±20
±15
±10
±5
0
5
10
15
Common Mode Voltage (V)
C001
V
CM = ±18.1 V
±250
±200
±150
±100
±50
0
50
100
150
200
250
13
14
15
16
17
18
19
Common Mode Voltage (V)
C001
V
CM = -18.1 V
V
CM = 18 V
P-Channel
N-Channel
Transition
Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
-125
-100
-75
-50
-25
0
25
50
75
100
125
Average r 3G
Average r 1G
±125
±75
±25
25
75
125
±75
±50
±25
0
25
50
75
100
125
150
Temperature (ƒC)
C001
0
10
20
30
40
Offset Voltage Drift (µV/ƒC)
C013
0
10
20
30
40
Offset Voltage Drift (µV/ƒC)
C013
13
OPA191, OPA2191, OPA4191
www.ti.com
SBOS701C – DECEMEBER 2015 – REVISED OCTOBER 2019
Product Folder Links: OPA191 OPA2191 OPA4191
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
at TA = 25°C, VS = ±18 V, VCM = VS / 2, RL = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
TA = –40°C to +125°C, SOIC package
Figure 7. Offset Voltage Drift Distribution
TA = 0°C to 85°C, SOIC package
Figure 8. Offset Voltage Drift Distribution
Statistical distribution
Figure 9. Offset Voltage vs Temperature
4 typical units
Figure 10. Offset Voltage vs Temperature
Figure 11. Offset Voltage vs Common-Mode Voltage
Figure 12. Offset Voltage vs Common-Mode Voltage in
Transition Region



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com