Electronic Components Datasheet Search
  English  ▼

X  

OPA191 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # OPA191
Description  OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA191 Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA191 Datasheet HTML 16Page - Texas Instruments OPA191 Datasheet HTML 17Page - Texas Instruments OPA191 Datasheet HTML 18Page - Texas Instruments OPA191 Datasheet HTML 19Page - Texas Instruments OPA191 Datasheet HTML 20Page - Texas Instruments OPA191 Datasheet HTML 21Page - Texas Instruments OPA191 Datasheet HTML 22Page - Texas Instruments OPA191 Datasheet HTML 23Page - Texas Instruments OPA191 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
Temperature (qC)
Offset Voltage vs Temperature
-50
-25
0
25
50
75
100
125
150
-100
-75
-50
-25
0
25
50
75
100
VOS before trim
VOS after trim
Linear component of drift
Linear component of drift
Temperature
20
OPA191, OPA2191, OPA4191
SBOS701C – DECEMEBER 2015 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: OPA191 OPA2191 OPA4191
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
7 Parameter Measurement Information
7.1 Input Offset Voltage Drift
The OPAx191 family of operational amplifiers is manufactured using TI’s e-trim operation amplifier technology.
This e-trim operational amplifier technology is a TI proprietary method of trimming internal device parameters
during either wafer probing or final testing. Each amplifier input offset voltage and input offset voltage drift is
trimmed in production, thereby minimizing errors associated with input offset voltage and input offset voltage drift.
When trimming input offset voltage drift, the systematic or linear drift error on each device is trimmed to zero.
Figure 48 illustrates this concept.
Figure 48. Input Offset Before and After Drift Trim
A common method of specifying input offset voltage drift is the box method. The box method estimates a
maximum input offset drift by bounding an offset voltage versus temperature curve with a box and using the
corners of this bounding box to determine the drift. The slope of the line connecting the diagonal corners of the
box corresponds to the input offset voltage drift. Figure 49 illustrates the box method concept. The box method
works particularly well when the input offset drift is dominated by the linear component of drift, but because the
OPA191 family uses TI’s e-trim operational amplifier technology to remove the linear component input offset
voltage drift, the box method is not a particularly useful method of accurately performing an error analysis.
Shown in Figure 49 are 30 typical units of OPAx191 with the box method superimposed for illustrative purposes.
The boundaries of the box are determined by the specified temperature range along the x-axis and the maximum
specified input offset voltage across that same temperature range along the y-axis. Using the box method
predicts an input offset voltage drift of 0.9 µV/°C. As shown in Figure 49, the slopes of the actual input offset
voltage versus temperature are much less than that predicted by the box method. The box method predicts a
pessimistic value for the maximum input offset voltage drift and is not recommended when performing an error
analysis.
Figure 49. The Box Method



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com