Electronic Components Datasheet Search
  English  ▼

X  

OPA191 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # OPA191
Description  OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA191 Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA191 Datasheet HTML 11Page - Texas Instruments OPA191 Datasheet HTML 12Page - Texas Instruments OPA191 Datasheet HTML 13Page - Texas Instruments OPA191 Datasheet HTML 14Page - Texas Instruments OPA191 Datasheet HTML 15Page - Texas Instruments OPA191 Datasheet HTML 16Page - Texas Instruments OPA191 Datasheet HTML 17Page - Texas Instruments OPA191 Datasheet HTML 18Page - Texas Instruments OPA191 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 57 page
background image
10
100
1
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
C002
Time (1 s/div)
-10
-8
-6
-4
-2
0
2
4
6
8
10
±
75
±
50
±
25
0
25
50
75
100
125
150
Temperature (ƒC)
C001
V
S = ±18 V, (V±) ”9CM ” 9
±
3 V
V
S = ±2.25 V, (V±) ”9CM ” 9
±
3 V
-5
-4
-3
-2
-1
0
1
2
3
4
5
±75
±50
±25
0
25
50
75
100
125
150
Temperature (ƒC)
C001
Output Current (mA)
0
20
40
60
80
100
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
40qC
25qC
85qC
125qC
0
20
40
60
80
100
120
140
0.1
1.0
10.0
100.0
1k
10k
100k
1M
10M
Frequency (Hz)
CMRR
+PSRR
±PSRR
C004
15
OPA191, OPA2191, OPA4191
www.ti.com
SBOS701C – DECEMEBER 2015 – REVISED OCTOBER 2019
Product Folder Links: OPA191 OPA2191 OPA4191
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
at TA = 25°C, VS = ±18 V, VCM = VS / 2, RL = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Sinking
Figure 19. Output Voltage Swing vs Output Current
Figure 20. CMRR and PSRR vs Frequency
Figure 21. CMRR vs Temperature
Figure 22. PSRR vs Temperature
Figure 23. 0.1-Hz to 10-Hz Noise
Figure 24. Input Voltage Noise Spectral Density
vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com