Electronic Components Datasheet Search
  English  ▼

X  

OPA191 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # OPA191
Description  OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA191 Datasheet(HTML) 30 Page - Texas Instruments

Back Button OPA191 Datasheet HTML 26Page - Texas Instruments OPA191 Datasheet HTML 27Page - Texas Instruments OPA191 Datasheet HTML 28Page - Texas Instruments OPA191 Datasheet HTML 29Page - Texas Instruments OPA191 Datasheet HTML 30Page - Texas Instruments OPA191 Datasheet HTML 31Page - Texas Instruments OPA191 Datasheet HTML 32Page - Texas Instruments OPA191 Datasheet HTML 33Page - Texas Instruments OPA191 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
30
OPA191, OPA2191, OPA4191
SBOS701C – DECEMEBER 2015 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: OPA191 OPA2191 OPA4191
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
An ESD event is very high voltage for a very short duration (for example, 1 kV for 100 ns); whereas, an EOS
event is lower voltage for a longer duration (for example, 50 V for 100 ms). The ESD diodes are designed for
out-of-circuit ESD protection (that is, during assembly, test, and storage of the device before being soldered to
the PCB). During an ESD event, the ESD signal is passed through the ESD steering diodes to an absorption
circuit labeled ESD power-supply circuit. The ESD absorption circuit clamps the supplies to a safe level.
Although this behavior is necessary for out-of-circuit protection, excessive current and damage is caused if
activated in-circuit. A transient voltage suppressor (TVS) can be used to prevent against damage caused by
turning on the ESD absorption circuit during an in-circuit ESD event. Using the appropriate current limiting
resistors and TVS diodes allows for the use of device ESD diodes to protect against EOS events.
8.3.8 Overload Recovery
Overload recovery is defined as the time required for the op amp output to recover from a saturated state to a
linear state. The output devices of the op amp enter a saturation region when the output voltage exceeds the
rated operating voltage, either due to the high input voltage or the high gain. After the device enters the
saturation region, the charge carriers in the output devices require time to return back to the linear state. After
the charge carriers return back to the linear state, the device begins to slew at the specified slew rate. Thus, the
propagation delay in case of an overload condition is the sum of the overload recovery time and the slew time.
8.4 Device Functional Modes
The OPAx191 has a single functional mode and is operational when the power-supply voltage is greater than
4.5 V (±2.25 V). The maximum power supply voltage for the OPAx191 is 36 V (±18 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com