Electronic Components Datasheet Search
  English  ▼

X  

OPA191 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # OPA191
Description  OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA191 Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA191 Datasheet HTML 10Page - Texas Instruments OPA191 Datasheet HTML 11Page - Texas Instruments OPA191 Datasheet HTML 12Page - Texas Instruments OPA191 Datasheet HTML 13Page - Texas Instruments OPA191 Datasheet HTML 14Page - Texas Instruments OPA191 Datasheet HTML 15Page - Texas Instruments OPA191 Datasheet HTML 16Page - Texas Instruments OPA191 Datasheet HTML 17Page - Texas Instruments OPA191 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 57 page
background image
Output Current (mA)
0
20
40
60
80
100
0
2
4
6
8
10
12
14
16
18
20
40qC
25qC
85qC
125qC
0
1
2
3
4
5
6
7
8
9
10
±75
±50
±25
0
25
50
75
100
125
150
Temperature (ƒC)
C001
I
B -
I
B+
±1000
±800
±600
±400
±200
0
200
400
600
800
1000
±20
±15
±10
±5
0
5
10
15
20
Common Mode Voltage (V)
C001
-20
0
20
40
60
100
1k
10k
100k
1M
10M
100M
Frequency (Hz)
G = -1
G = +1
G= -10
G= -100
C004
Power Supply Voltage (V)
-25
-20
-15
-10
-5
0
5
10
15
20
25
0
r
5
r
10
r
15
r
20
-135
-90
-45
0
45
90
135
180
±40
±20
0
20
40
60
80
100
120
140
160
0.1
1.0
10.0 100.0
1k
10k
100k
1M
10M 100M
Frequency (Hz)
C001
Open-loop Gain
Phase
14
OPA191, OPA2191, OPA4191
SBOS701C – DECEMEBER 2015 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: OPA191 OPA2191 OPA4191
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
at TA = 25°C, VS = ±18 V, VCM = VS / 2, RL = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
30 typical units
Figure 13. Offset Voltage vs Power Supply
Figure 14. Open-Loop Gain and Phase vs Frequency
Figure 15. Closed-Loop Gain vs Frequency
Figure 16. Input Bias Current vs Common-Mode Voltage
Figure 17. Input Bias Current vs Temperature
Sourcing
Figure 18. Output Voltage Swing vs Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com