Electronic Components Datasheet Search
  English  ▼

X  

MAX1124 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1124
Description  1.8V, 12-Bit, 170Msps ADC for Broadband Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1124 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1124 Datasheet HTML 9Page - Maxim Integrated Products MAX1124 Datasheet HTML 10Page - Maxim Integrated Products MAX1124 Datasheet HTML 11Page - Maxim Integrated Products MAX1124 Datasheet HTML 12Page - Maxim Integrated Products MAX1124 Datasheet HTML 13Page - Maxim Integrated Products MAX1124 Datasheet HTML 14Page - Maxim Integrated Products MAX1124 Datasheet HTML 15Page - Maxim Integrated Products MAX1124 Datasheet HTML 16Page - Maxim Integrated Products MAX1124 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1.8V, 12-Bit, 170Msps ADC for
Broadband Applications
______________________________________________________________________________________
13
Applications Information
FSR Adjustments Using the Internal
Bandgap Reference
The MAX1213 supports a full-scale adjustment range of
10% (±5%). To decrease the full-scale signal range, an
external resistor value ranging from 13k
Ω to 1MΩ may
be added between REFADJ and AGND. A similar
approach can be taken to increase the ADC’s full-scale
range (FSR). Adding a variable resistor, potentiometer,
or predetermined resistor value between REFADJ and
REFIO increases the FSR of the data converter. Figure
6a shows the two possible configurations and their
impact on the overall full-scale range adjustment of the
MAX1213. Do not use resistor values of less than 13k
Ω
to avoid instability of the internal gain regulation loop
for the bandgap reference. See Figure 6b for the
results of the adjustment range for a selection of resis-
tors used to trim the full-scale range of the MAX1213.
Table 1. MAX1213 Digital Output Coding
INP ANALOG
INPUT VOLTAGE
LEVEL
INN ANALOG
INPUT VOLTAGE
LEVEL
OUT-OF-RANGE
ORP (ORN)
BINARY DIGITAL OUTPUT
CODE (D11P/N–D0P/N)
TWO’S COMPLEMENT DIGITAL
OUTPUT CODE (D11P/N–D0P/N)
> VCM + VFS / 4
< VCM - VFS / 4
1 (0)
1111 1111 1111
(exceeds +FS, OR set)
0111 1111 1111
(exceeds +FS, OR set)
VCM + VFS / 4
VCM - VFS / 4
0 (1)
1111 1111 1111 (+FS)
0111 1111 1111 (+FS)
VCM
VCM
0 (1)
1000 0000 0000 or
0111 1111 1111 (FS/2)
0000 0000 0000 or
1111 1111 1111 (FS/2)
VCM - VFS / 4
VCM + VFS / 4
0 (1)
0000 0000 0000 (-FS)
1000 0000 0000 (-FS)
< VCM + VFS / 4
> VCM - VFS / 4
1 (0)
00 0000 0000
(exceeds -FS, OR set)
10 0000 0000
(exceeds -FS, OR set)
VON
OGND
OVCC
VOP
2.2k
Ω
2.2k
Ω
Figure 5. Simplified LVDS Output Architecture
MAX1213
REFERENCE
BUFFER
ADC FULL SCALE = REFT-REFB
REFT: TOP OF REFERENCE LADDER.
REFB: BOTTOM OF REFERENCE LADDER.
1V
AVCC
AVCC/2
G
CONTROL LINE
TO DISABLE
REFERENCE BUFFER
REFERENCE
SCALING
AMPLIFIER
REFIO
REFADJ
13k
Ω TO
1M
Ω
0.1
µF
REFT
REFB
13k
Ω TO
1M
Ω
Figure 6a: Circuit Suggestions to Adjust the ADC’s Full-Scale
Range
FS VOLTAGE vs. FS ADJUST RESISTOR
FS ADJUST RESISTOR (k
Ω)
875
750
500 625
250 375
125
1.39
1.41
1.43
1.45
1.47
1.49
1.51
1.53
1.55
1.57
1.37
0
1000
RESISTOR VALUE APPLIED BETWEEN
REFADJ AND REFIO INCREASES VFS
RESISTOR VALUE APPLIED BETWEEN
REFADJ AND AGND DECREASES VFS
Figure 6b: FS Adjustment Range vs. FS Adjustment Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com