Electronic Components Datasheet Search
  English  ▼

X  

MAX1124 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX1124
Description  1.8V, 12-Bit, 170Msps ADC for Broadband Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1124 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX1124 Datasheet HTML 10Page - Maxim Integrated Products MAX1124 Datasheet HTML 11Page - Maxim Integrated Products MAX1124 Datasheet HTML 12Page - Maxim Integrated Products MAX1124 Datasheet HTML 13Page - Maxim Integrated Products MAX1124 Datasheet HTML 14Page - Maxim Integrated Products MAX1124 Datasheet HTML 15Page - Maxim Integrated Products MAX1124 Datasheet HTML 16Page - Maxim Integrated Products MAX1124 Datasheet HTML 17Page - Maxim Integrated Products MAX1124 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
1.8V, 12-Bit, 170Msps ADC for
Broadband Applications
14
______________________________________________________________________________________
Differential, AC-Coupled,
LVPECL-Compatible Clock Input
The MAX1213 dynamic performance depends on the
use of a very clean clock source. The phase noise floor
of the clock source has a negative impact on the SNR
performance. Spurious signals on the clock signal
source also affect the ADC’s dynamic range. The pre-
ferred method of clocking the MAX1213 is differentially
with LVDS- or LVPECL-compatible input levels. The fast
data transition rates of these logic families minimize the
clock-input circuitry’s transition uncertainty, thereby
improving the SNR performance. To accomplish this, a
50
Ω reverse-terminated clock signal source with low
phase noise is AC-coupled into a fast differential
receiver such as the MC100LVEL16D (Figure 7). The
receiver produces the necessary LVPECL output levels
to drive the clock inputs of the data converter.
Transformer-Coupled, Differential Analog
Input Drive
In general, the MAX1213 provides the best SFDR and
THD with fully differential input signals and it is not re-
commended to drive the ADC inputs in single-ended
configuration. In differential input mode, even-order
harmonics are usually lower since INP and INN are bal-
anced, and each of the ADC inputs only requires half
the signal swing compared to a single-ended configu-
ration. Wideband RF transformers provide an excellent
solution to convert a single-ended signal to a fully dif-
ferential signal, required by the MAX1213 to reach its
optimum dynamic performance.
A secondary-side termination of a 1:1 transformer (e.g.,
Mini-Circuit’s ADT1-1WT) into two separate 24.9
Ω ±1%
resistors (use tight resistor tolerances to minimize
effects of imbalance; 0.5% would be an ideal choice)
placed between top/bottom and center tap of the trans-
former is recommended to maximize the ADC’s dynam-
ic range. This configuration optimizes THD and SFDR
performance of the ADC by reducing the effects of
transformer parasitics. However, the source imped-
ance combined with the shunt capacitance provided
by a PC board and the ADC’s parasitic capacitance
limit the ADC’s full-power input bandwidth to approxi-
mately 600MHz.
MC100LVEL16D
VGND
AGND OGND
D0P/N–D11P/N
AVCC
VCLK
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.01
µF
SINGLE-ENDED
INPUT TERMINAL
150
Ω
150
Ω
CLKP
CLKN
INP
INN
OVCC
12
2
8
45
7
6
3
50
Ω
510
Ω
510
Ω
MAX1213
Figure 7. Differential, AC-Coupled, PECL-Compatible Clock Input Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com