Electronic Components Datasheet Search
  English  ▼

X  

MAX1124 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1124
Description  1.8V, 12-Bit, 170Msps ADC for Broadband Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1124 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1124 Datasheet HTML 1Page - Maxim Integrated Products MAX1124 Datasheet HTML 2Page - Maxim Integrated Products MAX1124 Datasheet HTML 3Page - Maxim Integrated Products MAX1124 Datasheet HTML 4Page - Maxim Integrated Products MAX1124 Datasheet HTML 5Page - Maxim Integrated Products MAX1124 Datasheet HTML 6Page - Maxim Integrated Products MAX1124 Datasheet HTML 7Page - Maxim Integrated Products MAX1124 Datasheet HTML 8Page - Maxim Integrated Products MAX1124 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
1.8V, 12-Bit, 170Msps ADC for
Broadband Applications
_______________________________________________________________________________________
5
Typical Operating Characteristics
(AVCC = OVCC = 1.8V, AGND = OGND = 0, fSAMPLE = 170MHz, AIN = -1dBFS; see each TOC for detailed information on test condi-
tions, differential input drive, differential sine-wave clock input drive, 0.1µF capacitor on REFIO, internal reference, digital output pins
differential RL = 100
Ω, TA = +25°C.)
FFT PLOT
(8192-POINT DATA RECORD)
ANALOG INPUT FREQUENCY (MHz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-110
HD2
fSAMPLE = 170MHz
fIN = 12.47192MHz
AIN = -1.001dBFS
SNR = 66.7dB
SINAD = 66.4dB
SFDR = 83.8dBc
HD2 = -83.8dBc
HD3 = -84dBc
HD3
70
60
40
50
20
30
10
0
80
FFT PLOT
(8192-POINT DATA RECORD)
ANALOG INPUT FREQUENCY (MHz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-110
HD2
fSAMPLE = 170MHz
fIN = 65.09888MHz
AIN = -1.099dBFS
SNR = 66.5dB
SINAD = 65.7dB
SFDR = 76dBc
HD2 = -77.7dBc
HD3 = -76dBc
HD3
70
60
40
50
20
30
10
0
80
FFT PLOT
(8192-POINT DATA RECORD)
ANALOG INPUT FREQUENCY (MHz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-110
HD2
fSAMPLE = 170MHz
fIN = 200.11108MHz
AIN = -1.025dBFS
SNR = 65dB
SINAD = 63.9dB
SFDR = 70.7dBc
HD2 = -74.8dBc
HD3 = -70.7dBc
HD3
70
60
40
50
20
30
10
0
80
FFT PLOT
(8192-POINT DATA RECORD)
ANALOG INPUT FREQUENCY (MHz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-110
HD2
fSAMPLE = 170MHz
fIN = 250.04038MHz
AIN = -1.040dBFS
SNR = 64.5dB
SINAD = 63.5dB
SFDR = 72.9dBc
HD2 = -77.4dBc
HD3 = -72.9dBc
HD3
70
60
40
50
20
30
10
0
80
TWO-TONE IMD PLOT
(8192-POINT DATA RECORD)
ANALOG INPUT FREQUENCY (MHz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-110
fIN2
fSAMPLE = 170MHz
fIN1 = 99.25659MHz
fIN2 = 101.08276MHz
AIN1 = AIN2 = -6.974dBFS
IMD = -78dBc
fIN1 - fIN2
fIN1 + fIN2
3fIN2 - 2fIN1
2fIN1
- fIN2
fIN1
70
60
40
50
20
30
10
0
80
45
50
60
55
65
70
0100
50
150
200
250
300
SNR/SINAD vs. ANALOG INPUT FREQUENCY
(fSAMPLE = 170MHz, AIN = -1dBFS)
fIN (MHz)
SNR
SINAD
40
45
50
55
60
65
70
75
80
85
90
95
0
50
100
150
200
250
300
SFDR vs. ANALOG INPUT FREQUENCY
(fSAMPLE = 170MHz, AIN = -1dBFS
fIN (MHz)
-100
-85
-90
-95
-80
-75
-70
-65
-60
-55
-50
0
100
50
150
200
250
300
HD2/HD3 vs. ANALOG INPUT FREQUENCY
(fSAMPLE = 170MHz, AIN = -1dBFS)
fIN (MHz)
HD3
HD2
10
30
20
50
40
60
70
-55
-45 -40 -35
-50
-30 -25 -20 -15 -10 -5
0
ANALOG INPUT AMPLITUDE (dBFS)
SINAD
SNR/SINAD vs. ANALOG INPUT AMPLITUDE
(fSAMPLE = 170MHz, fIN = 65.098877MHz)
SNR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com