Electronic Components Datasheet Search
  English  ▼

X  

MAX1124 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX1124
Description  1.8V, 12-Bit, 170Msps ADC for Broadband Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1124 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX1124 Datasheet HTML 12Page - Maxim Integrated Products MAX1124 Datasheet HTML 13Page - Maxim Integrated Products MAX1124 Datasheet HTML 14Page - Maxim Integrated Products MAX1124 Datasheet HTML 15Page - Maxim Integrated Products MAX1124 Datasheet HTML 16Page - Maxim Integrated Products MAX1124 Datasheet HTML 17Page - Maxim Integrated Products MAX1124 Datasheet HTML 18Page - Maxim Integrated Products MAX1124 Datasheet HTML 19Page - Maxim Integrated Products MAX1124 Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
1.8V, 12-Bit, 170Msps ADC for
Broadband Applications
18
______________________________________________________________________________________
Noise Power Ratio (NPR)
NPR is commonly used to characterize the return path of
cable systems where the signals are typically individual
quadrature amplitude-modulated (QAM) carriers with a
frequency spectrum similar to noise. Numerous such
carriers are operated in a continuous spectrum, generat-
ing a noise-like signal, which covers a relatively broad
bandwidth. To test the MAX1213 for NPR, a “noise-like”
signal is passed through a high-order bandpass filter to
produce an approximately square spectral pedestal of
noise with about the same bandwidth as the signals
being simulated. Following the bandpass filter, the signal
is passed through a narrow band-reject filter to produce
a deep notch at the center of the noise pedestal. Finally,
this signal is applied to the MAX1213 and its digitized
results analyzed. The RMS noise power of the signal
inside the notch is compared with the RMS noise level
outside the notch using an FFT. Note that the NPR test
requires sufficiently long data records to guarantee a
suitable number of samples inside the notch. NPR for the
MAX1213 was determined for 50MHz noise bandwidth
signals, simulating a typical cable signal environment
(see the Typical Operating Characteristics for test details
and results) with a notch frequency of 28.8MHz.
Pin-Compatible Lower
Speed/Resolution Versions
Applications that require lower resolution and/or higher
speed can refer to other family members of the
MAX1213. Adjusting an application to a lower resolution
has been simplified by maintaining an identical pinout
for all members of this high-speed family. See the
Pin-Compatible Versions table for a selection of different
resolution and speed grades.
Pin Configuration
58
59
60
61
62
54
55
56
57
63
38
39
40
41
42
43
44
45
46
47
AVCC
TOP VIEW
52
53
D6P
D6N
OGND
OVCC
DCLKP
DCLKN
OVCC
D5P
D5N
D4P
35
36
37
D4N
D3P
D3N
AGND
INN
INP
AGND
AVCC
AGND
AGND
AVCC
AVCC
AVCC
AGND
REFADJ
REFIO
AGND
48
D7N
AVCC
64
65
66
67
68
23
22
21
20
19
27
26
25
24
18
29
28
32
31
30
34
33
49
50
D8N
D7P
EP
51
D8P
11
10
9
8
7
6
5
4
3
2
16
15
14
13
12
1
CLKDIV
17
MAX1213
QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com