Electronic Components Datasheet Search
  English  ▼

X  

TPS2014 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS2014
Description  POWER-DISTRIBUTION SWITCHES
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2014 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2014 Datasheet HTML 3Page - Texas Instruments TPS2014 Datasheet HTML 4Page - Texas Instruments TPS2014 Datasheet HTML 5Page - Texas Instruments TPS2014 Datasheet HTML 6Page - Texas Instruments TPS2014 Datasheet HTML 7Page - Texas Instruments TPS2014 Datasheet HTML 8Page - Texas Instruments TPS2014 Datasheet HTML 9Page - Texas Instruments TPS2014 Datasheet HTML 10Page - Texas Instruments TPS2014 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS (CONTINUED)
TPS2014
TPS2015
SLVS159D – DECEMBER 1996 – REVISED SEPTEMBER 2007
over recommended operating junction temperature range, VI(IN) = 5.5 V, IO = rated current, EN = 0 V (unless otherwise noted)
TPS2014Y, TPS2015Y
PARAMETER
TEST CONDITIONS(1)
UNIT
MIN
TYP
MAX
POWER SWITCH
VI = 5.5 V,
TJ = 25C
75
VI = 5 V,
TJ = 25C
80
ron
On-state resistance
m
Ω
VI = 4.5V,
TJ = 25C
90
VI = 4 V,
TJ = 25C
96
EN = VI,
TJ = 25C
0.001
Ilkg
Leakage current, output
A
EN = VI,
0°C
≤ TJ ≤ 125°C
10
VI = 5.5 V,
TJ = 25C,
CL = 1 F
4
tr
Rise time, output
ms
VI = 4 V,
TJ = 25C,
CL = 1 F
3.8
VI = 5.5 V,
TJ = 25C,
CL = 1 F
3.9
tf
Fall time, output
ms
VI = 4 V,
TJ = 25C,
CL = 1 F
3.5
ENABLE INPUT (EN)
VIH
High-level input voltage
4 V
≤ VI ≤ 5.5 V
2
V
VIL
Low-level input voltage
4 V
≤ VI ≤ 5.5 V
0.8
V
II
Input current
EN= 0 V or EN = VI
0.5
A
tPLH
Propagation (delay) time, low to high output
CL = 1 F
20
ms
tPHL
Propagation (delay) time, high to low output
CL = 1 F
40
CURRENT LIMIT
TPS2014
1.2
IOS
Short-circuit output current
TJ = 25C,
VI = 5.5 V
A
TPS2015
2
SUPPLY CURRENT
TJ = 25C
0.015
IDDL
Supply current, low-level output
EN = VI
A
0°C
≤ TJ ≤ 125°C
10
TJ = 25C
73
IDDH
Supply current, high-level output
EN = 0 V
A
0°C
≤ TJ ≤ 125°C
100
UNDERVOLTAGE LOCKOUT
VIL
Low-level input voltage
3.2
V
OC
IOS
Short-circuit output current
0°C
≤ TJ ≤ 125°C
5
mA
VOL
Low-level output voltage
0°C
≤ TJ ≤ 125°C
0.3
(1)
Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account
separately.
Copyright © 1996–2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS2014 TPS2015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com