Electronic Components Datasheet Search
  English  ▼

X  

TPS2014 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS2014
Description  POWER-DISTRIBUTION SWITCHES
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2014 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2014 Datasheet HTML 9Page - Texas Instruments TPS2014 Datasheet HTML 10Page - Texas Instruments TPS2014 Datasheet HTML 11Page - Texas Instruments TPS2014 Datasheet HTML 12Page - Texas Instruments TPS2014 Datasheet HTML 13Page - Texas Instruments TPS2014 Datasheet HTML 14Page - Texas Instruments TPS2014 Datasheet HTML 15Page - Texas Instruments TPS2014 Datasheet HTML 16Page - Texas Instruments TPS2014 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
www.ti.com
4
0.2
0.12
4.25
4.5
4.75
5
0.08
0.04
0
5.25
0.24
5.5
0.16
VI InputVoltage V
-
-
IO =1.5 A
IO =1 A
IO =600mA
IO =200mA
4
1.85
1.65
4.25
4.5
4.75
5
1.55
1.45
1.35
5.25
2.15
5.5
1.75
VI InputVoltage V
-
-
TSP2015
TSP2014
2.05
1.95
4
4.6
4
3.6
4.3
4.6
4.9
5.2
3.4
3.2
3
5.5
4.4
4.2
3.8
VI InputVoltage V
-
-
TPS2015
TPS2014
5
4.8
-50
2
1.6
-25
0
25
50
TJ JunctionTemperature
C
-
- °
1.4
1.2
1
75
125
2.4
2.2
100
1.8
TPS2015
TPS2014
TPS2014
TPS2015
SLVS159D – DECEMBER 1996 – REVISED SEPTEMBER 2007
INPUT VOLTAGE TO OUTPUT VOLTAGE
SHORT-CIRCUIT OUTPUT CURRENT
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 19.
Figure 20.
THRESHOLD TRIP CURRENT
SHORT-CIRCUIT OUTPUT CURRENT
vs
vs
INPUT VOLTAGE
JUNCTION TEMPERATURE
Figure 21.
Figure 22.
Copyright © 1996–2007, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS2014 TPS2015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com