Electronic Components Datasheet Search
  English  ▼

X  

TPS2014 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS2014
Description  POWER-DISTRIBUTION SWITCHES
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2014 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2014 Datasheet HTML 4Page - Texas Instruments TPS2014 Datasheet HTML 5Page - Texas Instruments TPS2014 Datasheet HTML 6Page - Texas Instruments TPS2014 Datasheet HTML 7Page - Texas Instruments TPS2014 Datasheet HTML 8Page - Texas Instruments TPS2014 Datasheet HTML 9Page - Texas Instruments TPS2014 Datasheet HTML 10Page - Texas Instruments TPS2014 Datasheet HTML 11Page - Texas Instruments TPS2014 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
0
6
4
2
0
1
2
3
4
t
T
-
ime
ms
-
5
6
7
8
6
4
2
0
-2
9
10
0
6
4
2
0
5
10
15
20
t
T
-
ime
ms
-
25
30
35
40
6
4
2
0
-2
45
50
2
10
5
0
-5
4
6
8
10
t
T
-
ime
ms
-
12
14
16
18
2
1
0
-1
-2
20
0
-10
2
10
5
0
-5
4
6
8
10
t
T
-
ime
ms
-
12
14
16
18
2
1
0
-1
-2
20
0
3
-10
TPS2014
TPS2015
SLVS159D – DECEMBER 1996 – REVISED SEPTEMBER 2007
Table 1. Table of Timing Diagrams
FIGURE
Propagation Delay and Rise Time With 1-
μF Load, VI(IN) = 5 V
1
Propagation Delay and Fall Time With 1-
μF Load, VI(IN) = 5 V
2
TPS2014 Short-Circuit Current. Short is Applied to Enabled Device, VI(IN) = 5 V
3
TPS2015 Short-Circuit Current. Short is Applied to Enabled Device, VI(IN) = 5 V
4
TPS2014 Threshold Current, VI(IN) = 5 V
5
TPS2015 Threshold Current, VI(IN) = 5 V
6
TPS2014 (Enabled) into Short Circuit, VI(IN) = 5 V
7
TPS2015 (Enabled) into Short Circuit, VI(IN) = 5 V
8
Figure 1. Propagation Delay and Rise Time With 1-
μF
Figure 2. Propagation Delay and Fall Time With 1-
μF
Load, VI(IN) = 5 V
Load, VI(IN) = 5 V
Figure 3. TPS2014 Short-Circuit Current.
Figure 4. TPS2015 Short-Circuit Current.
Short is Applied to Enabled Device, VI(IN) = 5 V
Short is Applied to Enabled Device, VI(IN) = 5 V
8
Submit Documentation Feedback
Copyright © 1996–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS2014 TPS2015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com