Electronic Components Datasheet Search
  English  ▼

X  

TPS2014 Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS2014
Description  POWER-DISTRIBUTION SWITCHES
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2014 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS2014 Datasheet HTML 8Page - Texas Instruments TPS2014 Datasheet HTML 9Page - Texas Instruments TPS2014 Datasheet HTML 10Page - Texas Instruments TPS2014 Datasheet HTML 11Page - Texas Instruments TPS2014 Datasheet HTML 12Page - Texas Instruments TPS2014 Datasheet HTML 13Page - Texas Instruments TPS2014 Datasheet HTML 14Page - Texas Instruments TPS2014 Datasheet HTML 15Page - Texas Instruments TPS2014 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
www.ti.com
4
6.8
5.6
4.8
4.25
4.5
4.75
5
4.4
4
3.6
5.25
6.4
6
5.5
5.2
VI InputVoltage V
-
-
TJ =125 C
°
TJ =25 C
°
4
80
70
4.25
4.5
4.75
5
VI InputVoltage V
-
-
65
60
55
5.25
90
85
125°C
5.5
75
-40°C
-50
130
100
80
-25
0
25
50
TJ JunctionTemperature
C
-
- °
70
60
50
75
125
120
110
100
90
VI =4V
VI =5.5V
95
85
80
75
70
100
90
4
4.3
4.5
4.8
5
5.3
5.5
VI InputVoltage V
-
-
TJ =25 C
°
TPS2014
TPS2015
SLVS159D – DECEMBER 1996 – REVISED SEPTEMBER 2007
SUPPLY CURRENT, OUTPUT ENABLED
SUPPLY CURRENT, OUTPUT DISABLED
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 15.
Figure 16.
ON-STATE RESISTANCE
ON-STATE RESISTANCE
vs
vs
JUNCTION TEMPERATURE
INPUT VOLTAGE
Figure 17.
Figure 18.
12
Submit Documentation Feedback
Copyright © 1996–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS2014 TPS2015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com