Electronic Components Datasheet Search
  English  ▼

X  

TPS2014 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS2014
Description  POWER-DISTRIBUTION SWITCHES
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2014 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2014 Datasheet HTML 7Page - Texas Instruments TPS2014 Datasheet HTML 8Page - Texas Instruments TPS2014 Datasheet HTML 9Page - Texas Instruments TPS2014 Datasheet HTML 10Page - Texas Instruments TPS2014 Datasheet HTML 11Page - Texas Instruments TPS2014 Datasheet HTML 12Page - Texas Instruments TPS2014 Datasheet HTML 13Page - Texas Instruments TPS2014 Datasheet HTML 14Page - Texas Instruments TPS2014 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
www.ti.com
0.2
2.7
2.4
2.3
0.4
0.6
0.8
1
IO OutputCurrent A
-
-
2.2
2.1
2
1.2
1.4
2.6
2.5
TJ
L
I
=25 C
C =1 F
V =5V
°
m
0.2
3.2
3
2.8
0.4
0.4
0.8
1
IO OutputCurrent A
-
-
2.6
2.4
2.2
1.2
1.4
TJ
L
I
=25 C
C =1 F
V =5V
°
m
-50
90
75
65
-25
0
25
50
TJ JunctionTemperature
C
-
- °
60
55
50
75
125
IO =0 A
85
80
5.5V
5V
4.5V
4V
100
70
-50
7
5.5
4.5
-25
0
25
50
TJ JunctionTemperature
C
-
- °
4
3.5
3
75
125
6.5
6
VI =5.5V
100
5
VI =5V
VI =4.5V
VI =4V
TPS2014
TPS2015
SLVS159D – DECEMBER 1996 – REVISED SEPTEMBER 2007
RISE TIME
FALL TIME
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 11.
Figure 12.
SUPPLY CURRENT, OUTPUT ENABLED
SUPPLY CURRENT, OUTPUT DISABLED
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 13.
Figure 14.
Copyright © 1996–2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS2014 TPS2015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com