Electronic Components Datasheet Search
  English  ▼

X  

TPS2014 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS2014
Description  POWER-DISTRIBUTION SWITCHES
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2014 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS2014 Datasheet HTML 12Page - Texas Instruments TPS2014 Datasheet HTML 13Page - Texas Instruments TPS2014 Datasheet HTML 14Page - Texas Instruments TPS2014 Datasheet HTML 15Page - Texas Instruments TPS2014 Datasheet HTML 16Page - Texas Instruments TPS2014 Datasheet HTML 17Page - Texas Instruments TPS2014 Datasheet HTML 18Page - Texas Instruments TPS2014 Datasheet HTML 19Page - Texas Instruments TPS2014 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
www.ti.com
THERMAL PROTECTION
UNDERVOLTAGE LOCKOUT
UNIVERSAL SERIAL BUS (USB) APPLICATIONS
BUS-POWERED AND SELF-POWER HUBS
TPS2014
TPS2015
SLVS159D – DECEMBER 1996 – REVISED SEPTEMBER 2007
Finally, calculate the junction temperature:
TJ = PD × RθJA + TA
Where:
TA= Ambient temperature °C
RθJA = Thermal resistance SOIC = 172°C/W, P = 106°C/W
Compare the calculated junction temperature with the initial estimate. If they do not agree within a few degrees,
repeat the calculation using the calculated value as the new estimate. Two or three iterations are generally
sufficient to get a reasonable answer.
Thermal protection is provided to prevent damage to the IC when heavy-overload or a short-circuit fault is
present for an extended period of time. The fault forces the TPS20xx into constant current mode, which causes
the voltage across the high-side switch to increase. Under short-circuit conditions, the voltage across the switch
is equal to the input voltage. The increased dissipation causes the junction temperature to rise to dangerously
high levels. The protection circuit senses the junction temperature of the switch and shuts it off. The switch
remains off until the junction temperature has dropped approximately 20C. The switch continues to cycle in this
manner until the load fault or the input power is removed.
An undervoltage lockout is provided to ensure that the power switch is in the off state at power up. Whenever the
input voltage falls below approximately 3.2 V, the power switch quickly turns off. This facilitates the design of
hot-insertion systems that may not have the ability to turn off the power switch before input power is removed.
Upon reapplication of the input voltage (if enabled), the power switch turns on with a controlled rise time to
reduce inrush current, EMI, and voltage overshoots.
For proper operation of the UVLO, the TPS20xx requires the voltage decay from 3 V to 2 V to take at least 200
s. Capacitance is added to the input or output of the TPS20xx to increase this decay rate. Capacitance is
generally added to the output to lower inrush current due to input capacitance.
The USB specification provides for five different classes of devices based on their power sourcing and sinking
requirements. These classes of devices are: bus-powered hub, self-powered hub, lower power bus-powered
function, high power bus-powered function, and self-powered functions. The TPS20xx can provide power
distribution solutions for many of these devices.
Hubs provide data and power for downstream functions through output ports. Self-power hubs have internal
power supplies that furnish power to downstream functions. Each port is required to supply 500 mA continuous to
a downstream function. Each port must have overcurrent protection to meet the requlatory safety limit that no
single port can deliver more than 5 A. The self-power hub must also have a method to detect and report an
overcurrent condition to the USB host. The TPS20xx provides the required current-limiting function and has an
overcurrent logic output to inform the hub controller of the fault condition. The on-state resistance of the TPS20xx
is low enough to meet all USB voltage regulation requirements. The switch also provides the capability to remove
power from a faulted port.
Bus-powered hubs distribute power and data from an input port to downstream ports. Each output port is
required to supply 100 mA continuous. A bus-powered hub is not required to provide overcurrent protection
because it is provided by the upstream port. In order to power up in a low power state, the self-powered hub
must be able to switch power to its output ports. The TPS20xx can also provide this function.
16
Submit Documentation Feedback
Copyright © 1996–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS2014 TPS2015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com