Electronic Components Datasheet Search
  English  ▼

X  

HM803 Datasheet(PDF) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM803
Description  Low-power microprocessor power monitoring reset circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM803 Datasheet(HTML) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM803 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM803 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM803 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM803 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM803 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM803 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM803 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM803 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM803 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
803/809/810
系列
 
 
5
1
电气参数 (除非另外注明典型值是在T
A=+25
℃ 以及 Vcc=5V J/L/M 版本,Vcc=3.3V T/S 版本 Vcc=3V R 版本和 Vcc=2.5V Z 版本下测得出)
 
符号
参数
条件
最小值 典型值 最大值 单位
TA =0℃ ~ +70℃
1.0
-
5.5
V
 
VCC 的范围
TA
=-40℃ ~ +105℃
1.2
-
5.5
V
803J
/L/M
809J
/L/M
810J
/L/M
Vcc
<5.5V;
TA
=-40℃ ~+85℃
-
10
25
μA
803R
/S/T/Z
809R
/S/T/Z
810R
/S/T/Z
Vcc
<3.6V;
T A
=-40℃ ~+85℃
-
8  
μA
803J
/L/M
809J
/L/M
810J
/L/M
Vcc
<5.5V
;
TA
=+85℃ ~+105℃
-
-
80
μA
ICC
电源电流
803R
/S/T/Z
809R
/S/T/Z
810R
/S/T/Z
Vcc
<3.6V;
TA
=+85℃ ~+105℃
-
-
60
μA
TA
=+25℃
2.26
2.32
2.37
V
TA
=-40℃ ~+85℃
2.25
-
2.38
V
803Z
809Z
810Z
TA
=+85℃ ~+105℃
2.22
-
2.42
V
TA
=+25℃
2.56
2.63
2.69
V
TA
=-40℃~+85℃
2.55
-
2.70
V
803R
809R
HM810R
TA
=+85℃~+105℃2.50
-
2.76
V
TA
=+25℃
2.86
2.93
3.00
V
TA
=-40℃~+85℃
2.85
-
3.01
V
803S
809S
HM810S
TA
=+85℃~+105℃
2.78
-
3.08
V
TA
=+25℃
3.01
3.08
3.15
V
TA
=-40℃~+85℃
3.00
-
3.17
V
803T
809T
HM810T
TA
=+85℃~+105℃
2.92
-
3.23
V
TA
=+25℃
3.92
4.00
4.08
V
TA
=-40℃~+85℃
3.89
-
4.10
V
803J
809J
810J
TA
=+85℃~+105℃
3.80
-
4.20
V
TA
=+25℃
4.29
4.38
4.47
V
TA
=-40℃~+85℃
4.25
-
4.50
V
803M
809M
810M
TA
=+85℃~+105℃
4.16
-
4.56
V
TA
=+25℃
4.54
4.63
4.72
V
TA
=-40℃~+85℃
4.50
-
4.75
V
Vth
RESET 门槛电压
803L
809L
810L
TA
=+85℃~+105℃
4.40
-
4.86
V
 
复位阀值温
度系数
 
-
30
-
ppm/
℃
 
VCC 到复位的延时 VCC = Vth~ (Vth -100mV)
-
20
-
μs
TA
=-40℃
~ +85℃
140
240
560
ms
 
RESET 有效的
时间周期
TA
=+85℃ ~ +105℃
100
-
840
ms
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com