Electronic Components Datasheet Search
  English  ▼

X  

HM803 Datasheet(PDF) 9 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM803
Description  Low-power microprocessor power monitoring reset circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM803 Datasheet(HTML) 9 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM803 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM803 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM803 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM803 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM803 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM803 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM803 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM803 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM803 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
803/809/810
系列
 
 
9
 
 
 
 
 
 
 
 
 
Notes
:
(1) 所有尺寸都为毫米
(2) 参考
JEDEC MO-193 标准
 
 
 
声明:上海智浦欣微电子有限公司不对本公司产品以外的任何电路使用负责,也不提供其专利许可。上海智浦欣微电子有
 
www
.chipstar-ic.com
Copyright@Chipstar Microelectronics page15
Jul
,2010 Rev.1.0
 
封装信息
HM803/809/810S SOT23_3L
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Dimensions In M illimeters
Dime nsions In Inches
 
Symbol
Min
Max
Min
Max
A
1.050
1.250
0.041
0.049
A
1
0.000
0.100
0.000
0.004
A
2
1.050
1.150
0.041
0.045
b
0.300
0.500
0.012
0.020
c
0.100
0.200
0.004
0.008
D
2.820
3.020
0.111
0.119
E
1.500
1.700
0.059
0.067
E
1
2.650
2.950
0.104
0.116
e
0.950(BSC)
0.037(BSC)
e
1
1.800
2.000
0.071
0.079
L
0.300
0.600
0.012
0.024
θ
0
8
0
8
 
Notes
:
(1) 所有尺寸都为毫米
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com