Electronic Components Datasheet Search
  English  ▼

X  

HM803 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM803
Description  Low-power microprocessor power monitoring reset circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM803 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM803 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM803 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM803 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM803 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM803 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM803 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM803 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM803 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM803 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
803/809/810
系列
 
 
3
 
极限参数表 1
 
参数
描述
数值
单位
VCC
无信号输入时供电电源
-0.3 to 6
V
VI
输入电压
-0.3 to VCC+0.3
V
TJ
结工作温度范围
-40 to 105
℃
T
SDR
引脚温度(焊接10秒)
300
℃
T
STG
存储温度范围
-65 to 85
℃
T
A
工作的环境温度范围
-40 to 85
℃
 
推荐工作环境
 
参数
描述
数值
单位
VCC
输入电压
1.0~5.5
V
TA
环境温度范围
-40~85
℃
Tj
结温范围
-40~105
℃
 
热效应信息
 
参数
描述
数值
单位
 
JA
封装热阻---芯片到环境热阻
300
℃/W
 
ESD 范围
ESD 范围 HBM(人体静电模式)
 
-----------------------------------------------------------
 
±3kV
ESD 范围 MM(机器静电模式)
-----------------------------------------------------------±300V
 
 
 
1. 上述参数仅仅是器件工作的极限值,不建议器件的工作条件超过此极限值,否则会对器件的可靠性及寿命产生影
响,甚至造成永久性损坏。
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com