Electronic Components Datasheet Search
  English  ▼

X  

AX88850 Datasheet(PDF) 18 Page - ASIX Electronics Corporation

Part # AX88850
Description  100BASE-TX/FX Repeater Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88850 Datasheet(HTML) 18 Page - ASIX Electronics Corporation

Back Button AX88850 Datasheet HTML 14Page - ASIX Electronics Corporation AX88850 Datasheet HTML 15Page - ASIX Electronics Corporation AX88850 Datasheet HTML 16Page - ASIX Electronics Corporation AX88850 Datasheet HTML 17Page - ASIX Electronics Corporation AX88850 Datasheet HTML 18Page - ASIX Electronics Corporation AX88850 Datasheet HTML 19Page - ASIX Electronics Corporation AX88850 Datasheet HTML 20Page - ASIX Electronics Corporation AX88850 Datasheet HTML 21Page - ASIX Electronics Corporation AX88850 Datasheet HTML 22Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
AX88850
PRELIMINARY
ASIX ELECTRONICS CORPORATION
18
2.7 Miscellaneous
Signal Name
Type Pin No.
Description
LCLK or
TX_CLK
I
168
Local Clock : Must be run at 25Mhz . Used for transmit data to PHY devices,
/RST
I
165
Reset : The chip is reset when this signal is asserted Low.
RST_DLY
O/L
135
Reset Delay : The signal is active high when reset and delay /RST signal
about 2 LCLK cycle. It is useful for power on configuration setup control of
/IR_ACTI[7:0].
DAISY_IN
I/PU
133
Repeater Identification Number Daisy-Chain In : This pin is a daisy chain
serial input for Repeater ID. A state machine always monitor the input if a
correct data (RID) present at the pin, the (RID+1) will be written to RID
register and override the power on setup RID for the chip.
DAISY_OUT
O/L
134
Repeater Identification Number Daisy-Chain Out : This pin is periodically
shift out the RID of itself to the next chained chip to inform that this ID has
already been occupied. The RID is shift out periodically every about 200us.
TEST
I/PD
166
Test Pin : The pin is just for test mode setting purpose only. Must be pull low
when normal operation. When in test mode , GEP pins will be force to test
input signals.
GEP[3:0]
I/O/L
/PU
175-172 General Purpose I/O Pins : Those pins just for system application usage. I.e.
for output control or input status report.
When reset the default function is for inputs.
MEDIA
I/PD
130
Media selection :
External pull-down for AX88853 with 4.7K ohm resister.
External pull-up for AX88851, AX88852 and AX88854 with 4.7K ohm
resister.
OPTION
I/PU
129
Option : Option for repeater state machine. User must pull this pin up.
VDD
I
1,17,27,
33,52,73,
80,103,
128,132,
156,171,
184
POWER : +5V +/-5%
VSS
I
9,23,28,
39,60,79,
93,113,
121,131,
144,153,
160,167,
176,185,
198
POWER: 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com