| Electronic Components Datasheet Search |
|
AX88850 Datasheet(PDF) 6 Page - ASIX Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
AX88850 Datasheet(HTML) 6 Page - ASIX Electronics Corporation |
|
6 / 39 page ![]() AX88850 PRELIMINARY ASIX ELECTRONICS CORPORATION 6 1.2 Features • IEEE 802.3u repeater compatible • Supports 10 or 18 network connections optional configuration. • 8 PCS interfaces direct interface to PHY chip with PCS interface ( ie.LUC3X04, KS8761, QSI6611, NWK914 ) to save user cost • 16 MII interfaces to double the network connections. • 2 dedicated MII interfaces can also support 100BASE-T4/FX PHY interfaces • The 2 dedicated MII interfaces can also easily connect to MII interface of 100BASE MAC controller for network management purpose or other bridging devices. • Up-to 8 repeater chips can be cascaded for large HUB application • Low latency design supports Class II repeater implementation with large port number. • All ports can be separately isolated or partitioned in response to fault condition • Separate jabber and partition state machines for each port • Separate carrier integrity monitor state machines for each port to protect network from some transient fault conditions (AX88853 PCS mode only) • Management interface for AX88856 (MIB IC) allows all repeater MIBs to be maintained • Large per-port management counters to reduce CPU overhead • External pins setup or automatic daisy chain channel setup repeater ID. • Per-port LED display for Jabber, Partition, Link/Activity. Global utilization and collision (%) presentation. • Power on LED diagnosis. All the LED display will follow the “ON-OFF-ON-OFF- Normal” operation procedure during/after power on reset. • Dedicated collision LED display • 208-pin PQFP The AX88850 Family has the following members: AX88851 16 shared MII ports + 2 dedicated MII ports AX88852 8 shared MII ports + 2 dedicated MII ports AX88853 8 PCS (Symbol) Interface ports + 2 dedicated MII ports AX88854 AX88851 + AX88853 + management function AX88856 MIB co-processor for intelligent Hub applications Function availability list Parts Number 16MII + 2MII 8MII + 2MII 8PCS + 2MII Management I/F AX88851 4 AX88852 4 AX88853 4 AX88854 4 4 4 4 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |