Electronic Components Datasheet Search
  English  ▼

X  

AX88850 Datasheet(PDF) 26 Page - ASIX Electronics Corporation

Part # AX88850
Description  100BASE-TX/FX Repeater Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88850 Datasheet(HTML) 26 Page - ASIX Electronics Corporation

Back Button AX88850 Datasheet HTML 22Page - ASIX Electronics Corporation AX88850 Datasheet HTML 23Page - ASIX Electronics Corporation AX88850 Datasheet HTML 24Page - ASIX Electronics Corporation AX88850 Datasheet HTML 25Page - ASIX Electronics Corporation AX88850 Datasheet HTML 26Page - ASIX Electronics Corporation AX88850 Datasheet HTML 27Page - ASIX Electronics Corporation AX88850 Datasheet HTML 28Page - ASIX Electronics Corporation AX88850 Datasheet HTML 29Page - ASIX Electronics Corporation AX88850 Datasheet HTML 30Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
AX88850
PRELIMINARY
ASIX ELECTRONICS CORPORATION
26
3.11.4 LED Status Driver wave-form for AX88854
P0
J0
L0/
A0
C4
C0
P10
J10
A10
RID0
CC0
no useful phase
LED_SYN
LED[0]
P1
J1
L1/
A1
U4
C1
P11
J11
A11
RID1
CC1
no useful phase
LED[1]
P2
J2
L2/
A2
L8/
A8
C2
P12
J12
A12
RID2
CC2
no useful phase
LED[2]
P3
J3
L3/
A3
L9/
A9
C3
P13
J13
A13
"0"
CC3
no useful phase
LED[3]
P4
J4
L4/
A4
J8
U0
P14
J14
A14
RID4
UU0
no useful phase
LED[4]
P5
J5
L5/
A5
J9
U1
P15
J15
A15
UU1
no useful phase
LED[5]
P6
J6
L6/
A6
P8
U2
P16
J16
A16
CC4
UU2
no useful phase
LED[6]
P7
J7
L7/
A7
P9
U3
P17
J17
A17
UU4
UU3
no useful phase
LED[7]
P0
J0
L0/
A0
C4
P1
J1
L1/
A1
U4
P2
J2
L2/
A2
L8/
A8
P3
J3
L3/
A3
L9/
A9
P4
J4
L4/
A4
J8
P5
J5
L5/
A5
J9
P6
J6
L6/
A6
P8
P7
J7
L7/
A7
P9
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10 ~ D15
D0
D1
D2
D3
UU1
3.12 Power on Configuration(Initial Setting)
During power-on reset, /IR_ACTI[[7:0] are used as some configuration setting. These include inter repeater active
input pin enable/disable (/IR_ACT_EN); time out to clear repeater ID(/TO_ID_CLR); daisy-chain input
disable/enable (/DIS_DAISY); and repeater ID(RPTR_ID[4:0]). Detail function is described on previous pin
description (expansion bus interface). After reset, these setting are stored in DEVICE ID REGISTER which can be
modified by station management write commands.
Default setting
Function
/IR_ACT_EN pull high
DISABLE inter repeater active in
/TO_ID_CLR pull high
DISABLE time out to clear repeater ID
/DIS_DAISY
pull high
ENABLE daisy-chain input
RPTR_ID
pull high
RPTR_ID = 11111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com