Electronic Components Datasheet Search
  English  ▼

X  

AX88850 Datasheet(PDF) 19 Page - ASIX Electronics Corporation

Part # AX88850
Description  100BASE-TX/FX Repeater Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88850 Datasheet(HTML) 19 Page - ASIX Electronics Corporation

Back Button AX88850 Datasheet HTML 15Page - ASIX Electronics Corporation AX88850 Datasheet HTML 16Page - ASIX Electronics Corporation AX88850 Datasheet HTML 17Page - ASIX Electronics Corporation AX88850 Datasheet HTML 18Page - ASIX Electronics Corporation AX88850 Datasheet HTML 19Page - ASIX Electronics Corporation AX88850 Datasheet HTML 20Page - ASIX Electronics Corporation AX88850 Datasheet HTML 21Page - ASIX Electronics Corporation AX88850 Datasheet HTML 22Page - ASIX Electronics Corporation AX88850 Datasheet HTML 23Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
AX88850
PRELIMINARY
ASIX ELECTRONICS CORPORATION
19
3.0 Functional Description
3.1 PCS interface logic
The PCS logic performs PCS / MII receiving / transmitting interface. When it receives, first deciphers the signals from
RDATA<4:0>, then do symbol alignment after detecting /J/K/ codes, then data is aligned to do 5B/4B decoding.
When it transmits, first do 4B/5B encoding to convert MII signals to PCS signals, then enciphers and send to
TDATA<4:0>.
When RSD is high from low, then link fail counter will count for 330u sec, then the port can receive packet normally.
During 330u sec that link fail counter counts, then receiving packet will be ignored. Cipher / No-cipher is selected by
station management access logic.
3.2 Carrier Integrity Monitor State Machine ( AX88853 PCS mode only )
For 100BASE-X systems, it is necessary that the repeater set protect the network from some transient fault conditions
that would disrupt network communications. Potential likely causes of such conditions are DTE and repeater power-
up and power-down transients, cable disconnects, and faulty wiring.
The AX88853 support CIM state machine with self-interrupt capability to prevent a segment’s spurious carrier
activity from reaching the repeater unit and hence propagating through the network.
3.3 Repeater State Machine
The repeater state machine is used to control repeater behavior, generates right signal in corresponding states. The
repeater state machine is in Idle state when there is no carrier . When
there is carrier , the repeater state machine
goes to Data Forwarding State to ensure correct data forwarding. If collision happens anytime, The repeater state
machine detects collision then send jam pattern until collision ceases.
idle State
The idle state happens when these conditions exists:
a.
/RST is low.
b.
Reset emitted by station management access logic(RST_RSM).
c.
There is no any carrier in M0_CRS[7:0], M1_CRS[7:0], and CRS{1:0] in MII mode. Or
receive IDLE code in PCS mode. If in cascade application, repeater receive no inter repeater
active signal.
In this state,M0_RXEN[7:0],M1_RXEN[7:0],M0_TXEN[7:0],M1_TXEN[7:0] are all low in MII
mode.
Data Forwarding State
When there is only one carrier in M0_CRS[7:0], M1_CRS[7:0]or CRS[0], CRS[1] in MII mode, or
only one of eight ports receives /J/K/ codes in PCS mode ,or only one of IR_ACTO[7:0] become low,
The repeater state machine stores receiving packet and transmits to all other ports. Exception for
a.
The port is jabbered.
b.
The port is partitioned.
c.
There exists collision.
In this state, only one of M0_RXEN[7:0] and M1_RXEN[7:0] is high, or M0_RXEN[7:0] or
M1_RXEN[7:0] are all low because either packet is from two dedicated MII port or from inter-repeater
cascade interface in MII mode.
The repeater send packet from receiving port to all ports exclusive of the receiving that is
M0_TXEN[7:0] and M1_TXEN[7:0] all becomes high, and one may be low if that port is the receiving
port in MII mode. The repeater forwards data to TDATA[7:0] except for the receiving RDATA port in
PCS mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com