Electronic Components Datasheet Search
  English  ▼

X  

AX88850 Datasheet(PDF) 36 Page - ASIX Electronics Corporation

Part # AX88850
Description  100BASE-TX/FX Repeater Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88850 Datasheet(HTML) 36 Page - ASIX Electronics Corporation

Back Button AX88850 Datasheet HTML 31Page - ASIX Electronics Corporation AX88850 Datasheet HTML 32Page - ASIX Electronics Corporation AX88850 Datasheet HTML 33Page - ASIX Electronics Corporation AX88850 Datasheet HTML 34Page - ASIX Electronics Corporation AX88850 Datasheet HTML 35Page - ASIX Electronics Corporation AX88850 Datasheet HTML 36Page - ASIX Electronics Corporation AX88850 Datasheet HTML 37Page - ASIX Electronics Corporation AX88850 Datasheet HTML 38Page - ASIX Electronics Corporation AX88850 Datasheet HTML 39Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
AX88850
PRELIMINARY
ASIX ELECTRONICS CORPORATION
36
5.4.3 PCS Interface Timing
TX
LCLK
T0
TDATA
RX
T1
T2
RSCLK
T3
T4
RDATA
Symbol
Description
Min
Typ.
Max
Units
T0
TDATA Valid From LCLK High
12
35
ns
T1
RSCLK Clock Cycle Time
39.996
40
40.004
ns
T2
RSCLK Clock High Time
14
20
26
ns
T3
RDATA Setup Time
13
-
ns
T4
RDATA Hold Time
10
-
ns
5.4.4 LED DISPLAY
LCLK
T1
T2
LED[7:0
D15
D0
D1
D2
D3
D4
D15
D0
T3
T4
LED-SYN
T5
Symbol
Description
Min
Typ.
Max
Units
T1
LED Valid from LCLK Low
7
24
ns
T2
LED Data Width
40
ns
T3
LED_SYN Valid from LCLK Low
6
13
ns
T4
LED-SYN Pulse Width
40
ns
T5
LED-SYN Cycle Time
640
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com