Electronic Components Datasheet Search
  English  ▼

X  

AX88850 Datasheet(PDF) 5 Page - ASIX Electronics Corporation

Part # AX88850
Description  100BASE-TX/FX Repeater Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88850 Datasheet(HTML) 5 Page - ASIX Electronics Corporation

  AX88850 Datasheet HTML 1Page - ASIX Electronics Corporation AX88850 Datasheet HTML 2Page - ASIX Electronics Corporation AX88850 Datasheet HTML 3Page - ASIX Electronics Corporation AX88850 Datasheet HTML 4Page - ASIX Electronics Corporation AX88850 Datasheet HTML 5Page - ASIX Electronics Corporation AX88850 Datasheet HTML 6Page - ASIX Electronics Corporation AX88850 Datasheet HTML 7Page - ASIX Electronics Corporation AX88850 Datasheet HTML 8Page - ASIX Electronics Corporation AX88850 Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
AX88850
PRELIMINARY
ASIX ELECTRONICS CORPORATION
5
1.0 AX88850 Overview
The AX88850 series 100Mbps Repeater Controllers are designed for both low cost
dumb HUB and high performance intelligent HUB applications. The AX88850 series
product support up-to ten 100Mbps links with its 8 PCS (Physical coding sub-layer , also
called Symbol Interface) interfaces and 2 dedicated MII interfaces or supports up-to eighteen
100Mbps links with
2 shared 8 ports MII interfaces and 2 dedicated MII interfaces.
Maximum up-to 144 ports can be constructed when using expansion bus cascades 8
AX88850s. The AX88850 is designed base on IEEE 802.3u clause 27 “ Repeater for
100Mb/s base-band networks” . It is fully compatible with IEEE 802.3u standard.
1.1 General Description
The AX88850 Repeater Controller is a subset of a repeater set containing all the
repeater-specific components and functions, exclusive of PHY components and functions.
The AX88850 family has two kind of interfaces to connect to PHY devices. There are
Physical coding sub-layer (PCS) interface and Media Independent Interface (MII).
The AX88850 supports 8 PCS ports interface or 2 shared bus (8 ports/per bus) MII
interfaces, 2 dedicated MII ports interface, an expansion port interface, a management
information base IC interface, a repeater ID daisy chain interface, a serial register interface
and LED display interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com