Electronic Components Datasheet Search
  English  ▼

X  

UPD301BT Datasheet(PDF) 19 Page - Microchip Technology

Part # UPD301BT
Description  Stand-alone USB Type-C??Power Delivery 3.0 Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD301BT Datasheet(HTML) 19 Page - Microchip Technology

Back Button UPD301BT Datasheet HTML 15Page - Microchip Technology UPD301BT Datasheet HTML 16Page - Microchip Technology UPD301BT Datasheet HTML 17Page - Microchip Technology UPD301BT Datasheet HTML 18Page - Microchip Technology UPD301BT Datasheet HTML 19Page - Microchip Technology UPD301BT Datasheet HTML 20Page - Microchip Technology UPD301BT Datasheet HTML 21Page - Microchip Technology UPD301BT Datasheet HTML 22Page - Microchip Technology UPD301BT Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
2020 Microchip Technology Inc.
DS00003412A-page 19
UPD301B/C
4.2
Power States
The device supports the following power states, as defined in their respective sub-sections:
• SLEEP
• HIBERNATE
• STANDBY
• ATTACHED IDLE (FRS Enabled)
• ATTACHED IDLE (FRS Disabled)
• ACTIVE
4.2.1
SLEEP
This is the lowest power state of the device. The SLEEP state is entered via assertion of the
PWR_DN pin. Virtually all
of the device is powered off in this mode with minimal circuity in the 3.3V domain to detect deassertion of
PWR_DN.
This mode is intended to minimize power consumption when the device is not being used in battery powered applica-
tions. In these applications, a wake up event such as a button press, can cause the host CPU to deassert
PWR_DN.
4.2.2
HIBERNATE
In this state, the port is disabled by the USB PD firmware and the
PWR_DN pin is low. Attach detection is disabled due
to CC terminations in the high-impedance state.
4.2.3
STANDBY
STANDBY is the lowest power functional state of the device. The majority of the device is powered off in this state. The
internal CC comparator and 20 KHz oscillator are enabled in this state as well as requisite analog components (1.8V
LDO, PORs, Biases, etc).
The CC lines are constantly monitored for an attach condition which shall result in an interrupt assertion to the host. If
an attachment has been made, this state can detect a change in the partner’s advertisement as well as a detach.
STANDBY is the power state that the UPD301B/C device will be in when in USB Type-C™ Unattached.SRC.
4.2.4
ATTACHED IDLE (FRS ENABLED)
In this state, a USB Type-C™ device is connected and the USB PD bus is idle (no USB packets in transit). The CC
signals are constantly being monitored for packet transmission and Fast Role Swap (FRS) signal detection is enabled.
4.2.5
ATTACHED IDLE (FRS DISABLED)
In this state, a USB Type-C™ device is connected and the USB PD bus is idle (no USB packets in transit). The CC
signals are constantly being monitored for packet transmission and Fast Role Swap (FRS) signal detection is disabled.
4.2.6
ACTIVE
This state defines the condition of the device after an attachment occurred. In this state, Power Delivery communication
is supported. This state is also used for any condition in which the 48 MHz Relaxation Oscillator must be enabled, such
as when it is desired to debounce a GPIO within the micro-second range.
When transmitting a Power Delivery packet, an additional 5 mA may be consumed. Additional power consumption
results from enabling the OCS comparator, VBUS comparator and other modules. When VCONN FETs are enabled,
there is an additional 70 mW of power consumption.
This section details the functions that control and monitor the CC pins, monitor the
VBUS_DET pin, control the VCONN
FETs, and sample the
CFG_SEL pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com