Electronic Components Datasheet Search
  English  ▼

X  

UPD301BT Datasheet(PDF) 32 Page - Microchip Technology

Part # UPD301BT
Description  Stand-alone USB Type-C??Power Delivery 3.0 Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD301BT Datasheet(HTML) 32 Page - Microchip Technology

Back Button UPD301BT Datasheet HTML 28Page - Microchip Technology UPD301BT Datasheet HTML 29Page - Microchip Technology UPD301BT Datasheet HTML 30Page - Microchip Technology UPD301BT Datasheet HTML 31Page - Microchip Technology UPD301BT Datasheet HTML 32Page - Microchip Technology UPD301BT Datasheet HTML 33Page - Microchip Technology UPD301BT Datasheet HTML 34Page - Microchip Technology UPD301BT Datasheet HTML 35Page - Microchip Technology UPD301BT Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
UPD301B/C
DS00003412A-page 32
2020 Microchip Technology Inc.
5.4
Current Consumption
TABLE 5-3:
TYPICAL DEVICE CURRENT CONSUMPTION
Power State
3.3V Supply Current
Typical
Max
Units
RESET
1.27
-
mA
STANDBY (source)
7.49
-
mA
ATTACHED IDLE (source)
11.40
-
mA
ACTIVE (with PD packet transmitting)
-
23.84
mA
Note 1: This table details the power consumption of the UPD301B/C device as measured during various modes
of operation for a single port Source-Only implementation (i.e.: loading a PSF Source-only configuration
and programming with default settings). The power consumption may vary significantly depending on the
utilization SAMD20 MCU to handle any additional custom system-specific functions. Refer to the respec-
tive SAMD20E and UPD350 datasheets for more details on the power consumption of these two devices
under certain specific usage scenarios. Also refer to Section 4.2, "Power States" for additional information.
Power dissipation is determined by temperature, supply voltage, and external source/sink requirements.
Maximum values represent very short bursts of activity over a small amount of time. Typical values repre-
sent averaged current consumption over time.
2: STANDBY is equivalent to USB Type-C™ specification’s Unattached.SRC
3: Currents measured with all 3.3V rails tied together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com