Electronic Components Datasheet Search
  English  ▼

X  

UPD301BT Datasheet(PDF) 12 Page - Microchip Technology

Part # UPD301BT
Description  Stand-alone USB Type-C??Power Delivery 3.0 Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD301BT Datasheet(HTML) 12 Page - Microchip Technology

Back Button UPD301BT Datasheet HTML 8Page - Microchip Technology UPD301BT Datasheet HTML 9Page - Microchip Technology UPD301BT Datasheet HTML 10Page - Microchip Technology UPD301BT Datasheet HTML 11Page - Microchip Technology UPD301BT Datasheet HTML 12Page - Microchip Technology UPD301BT Datasheet HTML 13Page - Microchip Technology UPD301BT Datasheet HTML 14Page - Microchip Technology UPD301BT Datasheet HTML 15Page - Microchip Technology UPD301BT Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
UPD301B/C
DS00003412A-page 12
2020 Microchip Technology Inc.
2.3.6
2-PORT DUAL ROLE POWER/DATA APPLICATION ‘CHARGE-THROUGH ADAPTER’
(UPD301C ONLY)
An example of a charge through adapter/mobile dock device is shown in Figure 2-6. In this example, the ‘Charger Input
Port’ may pass a high voltage power profile through the system to an attached mobile device. If a charger is not inserted
into the ‘Charger Input Port’. then the mobile device may power the adapter with 5V power.
A cross-bar switch is shown for routing DisplayPort Alternate Mode and USB3 data to the connector, allowing port
expansion and video display.
An LDO is shown connected to a power OR circuit to ensure power to the system is available regardless of which Type-
-C port is supplying power to the system. The LDO should be selected to operate at the maximum supported charge-
through voltage.
FIGURE 2-6:
SYSTEM BLOCK DIAGRAM - 2-PORT DUAL ROLE POWER/DATA APPLICATION
‘CHARGE-THROUGH ADAPTER’
Microchip
UPD301C
CC1
CC2
VBUS
Load Switch
Microchip
UPD350
CC1
CC2
SPI
M
S
VBUS_DET
VBUS
VBUS_DET
LDO
POWER
Mobile
Device
Port
Charger
 Input
Port
X‐Bar 
Data 
Mux
DP to 
HDMI
HDMI
Port
USB Port
HDMI
DP
USB3
USB2
5V Power
VBUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com