Electronic Components Datasheet Search
  English  ▼

X  

UPD301BT Datasheet(PDF) 36 Page - Microchip Technology

Part # UPD301BT
Description  Stand-alone USB Type-C??Power Delivery 3.0 Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD301BT Datasheet(HTML) 36 Page - Microchip Technology

Back Button UPD301BT Datasheet HTML 32Page - Microchip Technology UPD301BT Datasheet HTML 33Page - Microchip Technology UPD301BT Datasheet HTML 34Page - Microchip Technology UPD301BT Datasheet HTML 35Page - Microchip Technology UPD301BT Datasheet HTML 36Page - Microchip Technology UPD301BT Datasheet HTML 37Page - Microchip Technology UPD301BT Datasheet HTML 38Page - Microchip Technology UPD301BT Datasheet HTML 39Page - Microchip Technology UPD301BT Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
UPD301B/C
DS00003412A-page 36
2020 Microchip Technology Inc.
TABLE 5-8:
SPI TIMING VALUES
Symbol
Description
Min
Typ
Max
Units
tSCK
SPI_CLK period (Master)
84
tSCKW
SPI_CLK high/low width (Master)
0.5*tSCK
tSCKR
SPI_CLK rise time (Master)
7
ns
tSCKF
SPI_CLK fall time (Master)
9.5
ns
tMIS
SPI_MISO setup to SPI_CLK (Master)
29
ns
tMIH
SPI_MISO hold after SPI_CLK (Master)
8
ns
tMOS
SPI_MOSI setup to SPI_CLK (Master)
tSCK/2 - 16
ns
tMOH
SPI_MOSI hold after SPI_CLK (Master)
16
ns
tSSCK
SPI_CLK period (Slave)
1*tCLK_APB
ns
tSSCKW
SPI_CLK high/low width (Slave)
0.5*tSSCK
ns
tSSCKR
SPI_CLK rise time (Slave)
7
ns
tSSCKF
SPI_CLK fall time (Slave)
9.5
ns
tSIS
SPI_MOSI setup to SPI_CLK (Slave)
tSSCK/2-19
ns
tSIH
SPI_MOSI hold after SPI_CLK (Slave)
tSSCK/2-5
ns
tSSS
SPI_SS setup to SPI_CLK (Slave, PRELOADEN=1)
2*tCLK_APB
+ tSOS
ns
SPI_SS setup to SPI_CLK (Slave, PRELOADEN=0)
tSOS+7
ns
tSSH
SPI_SS hold after SPI_CLK (Slave)
tSIH-4
ns
tSOS
SPI_MISO setup to SPI_CLK (Slave)
tSSCK/2-20
ns
tSOH
SPI_MISO hold after SPI_CLK (Slave)
20
ns
tSOSS
SPI_MISO setup after SPI_SS low (Slave)
16
ns
tSOSH
SPI_MISO setup after SPI_SS high (Slave)
11
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com