Electronic Components Datasheet Search
  English  ▼

X  

UPD301BT Datasheet(PDF) 10 Page - Microchip Technology

Part # UPD301BT
Description  Stand-alone USB Type-C??Power Delivery 3.0 Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD301BT Datasheet(HTML) 10 Page - Microchip Technology

Back Button UPD301BT Datasheet HTML 6Page - Microchip Technology UPD301BT Datasheet HTML 7Page - Microchip Technology UPD301BT Datasheet HTML 8Page - Microchip Technology UPD301BT Datasheet HTML 9Page - Microchip Technology UPD301BT Datasheet HTML 10Page - Microchip Technology UPD301BT Datasheet HTML 11Page - Microchip Technology UPD301BT Datasheet HTML 12Page - Microchip Technology UPD301BT Datasheet HTML 13Page - Microchip Technology UPD301BT Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
UPD301B/C
DS00003412A-page 10
2020 Microchip Technology Inc.
2.3.4
DUAL ROLE POWER/DATA APPLICATION (5V SOURCE, HIGH VOLTAGE SINK) (UPD301C
ONLY)
An example of a mobile device port is shown in Figure 2-4. In this example a mobile device, such as a notebook, smart-
phone, or tablet, is capable of operating as a USB host (and device if the processor is capable of OTG operation), receiv-
ing a charge, and driving an external video display through a single Type-C connection. A cross-bar switch is shown for
routing DisplayPort Alternate Mode and USB3 data to the connector, allowing port expansion and video display.
Additional notes on Dual Role Power/Data (5V Source, High Voltage Sink) Applications:
• A typical mobile device will limit the power sourcing capability to 5V only in order to preserve battery life. This is
not explicitly required and a mobile device may optionally provide up to the maximum 100W capability if the sys-
tem supports it.
• When the port is operating as a power sink/data UFP, the USB Host / Hub Downstream Port block is not required
to support USB Device / Hub Upstream Port operation.
• A 5V Source Load Switch device must be tolerant of the maximum supported sinking voltage.
• USB3 operation is optional for mobile device ports.
• DisplayPort support is optional for mobile device ports.
• If both USB3 and DisplayPort operation are omitted, the crossbar data switch is not necessary.
• USB2 signals may be connected directly to the Type-C connector; a multiplexer is not necessary as long as the
USB2 signal layout is carefully managed to keep branches to a minimum.
FIGURE 2-4:
SYSTEM BLOCK DIAGRAM - DUAL ROLE POWER/DATA APPLICATION
(5V SOURCE, HIGH VOLTAGE SINK)
Microchip
UPD301C*
*With Dead Battery
Support Enabled
CC1
CC2
LDO
VBUS
Power Sink 
Load Switch
To
System Power
or
Battery Charger
VBUS_DET
Misc.
 SOC/MCU/ 
External Logic
Charging 
Capability 
Indication 
(i.e.: GPIO, 
DAC, I
2C)
5V Sou rce 
Switch
5V
USB Host / Hub 
Downstream 
Port
X‐Bar 
Data 
Mux
DP
DisplayPort
Source
USB3
USB2
ORIENTATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com