Electronic Components Datasheet Search
  English  ▼

X  

XD6702 Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XD6702
Description  36V input, 300mA low supply current, high speed voltage regulators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XD6702 Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XD6702 Datasheet HTML 2Page - Torex Semiconductor XD6702 Datasheet HTML 3Page - Torex Semiconductor XD6702 Datasheet HTML 4Page - Torex Semiconductor XD6702 Datasheet HTML 5Page - Torex Semiconductor XD6702 Datasheet HTML 6Page - Torex Semiconductor XD6702 Datasheet HTML 7Page - Torex Semiconductor XD6702 Datasheet HTML 8Page - Torex Semiconductor XD6702 Datasheet HTML 9Page - Torex Semiconductor XD6702 Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
6/27
XD6702 Series
Voltage Chart 1 <E-0>
NOMINAL
OUTPUT
VOLTAGE
<E-0>
NOMINAL
OUTPUT
VOLTAGE
<E-0>
Output Voltage
VOUT(E) (V)
Output Voltage
VOUT(E) (V)
Ta=25℃
-40℃≦Ta≦105℃
Ta=25℃
-40℃≦Ta≦105℃
VOUT(T) (V)
MIN.
MAX.
MIN.
MAX.
VOUT(T) (V)
MIN.
MAX.
MIN.
MAX.
1.8
1.782
1.818
1.728
1.872
5.1
5.049
5.151
4.896
5.304
1.9
1.881
1.919
1.824
1.976
5.2
5.148
5.252
4.992
5.408
2.0
1.980
2.020
1.920
2.080
5.3
5.247
5.353
5.088
5.512
2.1
2.079
2.121
2.016
2.184
5.4
5.346
5.454
5.184
5.616
2.2
2.178
2.222
2.112
2.288
5.5
5.445
5.555
5.280
5.720
2.3
2.277
2.323
2.208
2.392
5.6
5.544
5.656
5.376
5.824
2.4
2.376
2.424
2.304
2.496
5.7
5.643
5.757
5.472
5.928
2.5
2.475
2.525
2.400
2.600
5.8
5.742
5.858
5.568
6.032
2.6
2.574
2.626
2.496
2.704
5.9
5.841
5.959
5.664
6.136
2.7
2.673
2.727
2.592
2.808
6.0
5.940
6.060
5.760
6.240
2.8
2.772
2.828
2.688
2.912
6.5
6.435
6.565
6.240
6.760
2.9
2.871
2.929
2.784
3.016
7.0
6.930
7.070
6.720
7.280
3.0
2.970
3.030
2.880
3.120
7.5
7.425
7.575
7.200
7.800
3.1
3.069
3.131
2.976
3.224
8.0
7.920
8.080
7.680
8.320
3.2
3.168
3.232
3.072
3.328
8.5
8.415
8.585
8.160
8.840
3.3
3.267
3.333
3.168
3.432
9.0
8.910
9.090
8.640
9.360
3.4
3.366
3.434
3.264
3.536
9.5
9.405
9.595
9.120
9.880
3.5
3.465
3.535
3.360
3.640
10.0
9.900
10.100
9.600
10.400
3.6
3.564
3.636
3.456
3.744
10.5
10.395
10.605
10.080
10.920
3.7
3.663
3.737
3.552
3.848
11.0
10.890
11.110
10.560
11.440
3.8
3.762
3.838
3.648
3.952
11.5
11.385
11.615
11.040
11.960
3.9
3.861
3.939
3.744
4.056
12.0
11.880
12.120
11.520
12.480
4.0
3.960
4.040
3.840
4.160
12.5
12.375
12.625
12.000
13.000
4.1
4.059
4.141
3.936
4.264
13.0
12.870
13.130
12.480
13.520
4.2
4.158
4.242
4.032
4.368
13.5
13.365
13.635
12.960
14.040
4.3
4.257
4.343
4.128
4.472
14.0
13.860
14.140
13.440
14.560
4.4
4.356
4.444
4.224
4.576
14.5
14.355
14.645
13.920
15.080
4.5
4.455
4.545
4.320
4.680
15.0
14.850
15.150
14.400
15.600
4.6
4.554
4.646
4.416
4.784
15.5
15.345
15.655
14.880
16.120
4.7
4.653
4.747
4.512
4.888
16.0
15.840
16.160
15.360
16.640
4.8
4.752
4.848
4.608
4.992
16.5
16.335
16.665
15.840
17.160
4.9
4.851
4.949
4.704
5.096
17.0
16.830
17.170
16.320
17.680
5.0
4.950
5.050
4.800
5.200
17.5
17.325
17.675
16.800
18.200
18.0
17.820
18.180
17.280
18.720
■ELECTRICAL CHARACTERISTICS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com