Electronic Components Datasheet Search
  English  ▼

X  

XD6702 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XD6702
Description  36V input, 300mA low supply current, high speed voltage regulators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XD6702 Datasheet(HTML) 1 Page - Torex Semiconductor

  XD6702 Datasheet HTML 1Page - Torex Semiconductor XD6702 Datasheet HTML 2Page - Torex Semiconductor XD6702 Datasheet HTML 3Page - Torex Semiconductor XD6702 Datasheet HTML 4Page - Torex Semiconductor XD6702 Datasheet HTML 5Page - Torex Semiconductor XD6702 Datasheet HTML 6Page - Torex Semiconductor XD6702 Datasheet HTML 7Page - Torex Semiconductor XD6702 Datasheet HTML 8Page - Torex Semiconductor XD6702 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1/27
XD6702 Series
36V input, 300mA low supply current, high speed voltage regulators
VSS
VIN
VOUT
CE
CL=2.2μF
(Ceramic)
CIN=1.0μF
(Ceramic)
INPUT
0
30
60
90
120
150
4.65
4.70
4.75
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
Time (500
μs/div)
XD6702 series
(V
OUT=5.0V)
CL=2.2μF
CL=10μF
CL=47μF
Output Current
Output Voltage
V
IN=VCE=6.0V
C
IN=1.0μF (ceramic)
1mA⇔30mA
■GENERAL DESCRIPTION
The XD6702 series are CMOS high-speed voltage regulator ICs with a 36 V input and low supply current.
Internal circuitry includes a reference voltage supply, error amplifier, driver transistor, over-current protection circuit, overheat
protection circuit, soft start circuit, and phase compensation circuit.
The output voltage is fixed internally by laser trimming, and product selections from 1.8V to 18.0V are available.
The over-current protection circuit and overheat protection circuit are built-in, and when the output current reaches the current
limit or the junction temperature reaches the temperature limit, the corresponding circuit activates.
The soft start circuit limits the rush current that flows from VIN to VOUT when the IC starts, enabling a stable startup sequence.
The IC is put in the standby state by inputting L level into the CE pin, and the supply current is re
duced to 0.1μA.
A low-ESR capacitor such as a ceramic capacitor can also be used for CL.
■APPLICATIONS
●Automotive Infotainment
●Automotive accessories
・Drive recorder
・Car-mounted camera
・ETC
●Constant-voltage power supply for electrical
application for vehicle interior
■ FEATURES
Input voltage range
: 4.5V ~ 36.0V
(absolute maximum rating 42.0V)
Peak voltage
: 46.0V (Transient≦400ms)
Output current
Output Voltage range
temperature characteristics
: 300mA
: 1.8V ~ 18.0V
VOUT < 6.0V, 0.1V step settings
VOUT ≧ 6.0V, 0.5V step settings
:±50ppm/℃ (TYP.)
Supply current
Dropout voltage
: 40
μA (TYP.)
: 350mV@ IOUT =100mA,VOUT=5.0V
Ripple rejection ratio
: 65dB @1kHz
Standby current
: 0.1
μA
Protection function
: Current limit,Short
Thermal shutdown
Addition function
: Soft start
CE function (Active High)
Output capacitor
: Ceramic capacitor (2.2
μF)
Package
: SOT-89-5
Environment friendly features
: EU RoHS Directive compliant, lead free
■TYPICAL APPLICATION CIRCUIT
ETR03103-001
■TYPICAL PERFORMANCE
CHARACTERISTICS
Load Transient Response
☆AEC-Q100-Grade2


Similar Part No. - XD6702

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XD6121 TOREX-XD6121 Datasheet
490Kb / 23P
Voltage Detector with Watchdog Function and ON/OFF Control
XD6122 TOREX-XD6122 Datasheet
490Kb / 23P
Voltage Detector with Watchdog Function and ON/OFF Control
XD6123 TOREX-XD6123 Datasheet
490Kb / 23P
Voltage Detector with Watchdog Function and ON/OFF Control
XD6124 TOREX-XD6124 Datasheet
490Kb / 23P
Voltage Detector with Watchdog Function and ON/OFF Control
XD6130 TOREX-XD6130 Datasheet
1Mb / 30P
Watchdog Timeout Period Externally Adjustable Voltage Detector
More results

Similar Description - XD6702

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LF155A LINER-LF155A Datasheet
422Kb / 4P
JFET-Input Operational Amplifiers Low Supply Current High Speed
logo
Gamma Microelectronics ...
GM6350 GAMMA-GM6350 Datasheet
161Kb / 5P
300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
logo
Micrel Semiconductor
MIC61150 MICREL-MIC61150 Datasheet
1Mb / 22P
Low Input Voltage, Single-Supply High-Current LDO
MIC61300 MICREL-MIC61300_11 Datasheet
1,003Kb / 22P
Low Input Voltage, Single-Supply High-Current LDO
logo
Unisonic Technologies
LM5954 UTC-LM5954 Datasheet
158Kb / 5P
HIGH INPUT VOLTAGE, LOW QUIESCENT CURRENT, 300mA LDO REGULATOR
logo
Torex Semiconductor
XC6702 TOREX-XC6702 Datasheet
1Mb / 31P
36V input, 300mA low supply current, high speed voltage regulators
logo
E-CMOS Corporation
EC3111 E-CMOS-EC3111 Datasheet
829Kb / 16P
300mA High-PSRR Low Dropout Voltage Linear Regulators
logo
Nisshinbo Micro Devices...
R1511X NISSHINBO-R1511X Datasheet
1Mb / 26P
300mA 36V Input Regulator
R1517X NISSHINBO-R1517X Datasheet
3Mb / 38P
500 mA 36V Input Low Supply Current LDO
R1518X NISSHINBO-R1518X Datasheet
2Mb / 38P
1 A 36V Input Low Supply Current LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com