Electronic Components Datasheet Search
  English  ▼

X  

XD6702 Datasheet(PDF) 12 Page - Torex Semiconductor

Part # XD6702
Description  36V input, 300mA low supply current, high speed voltage regulators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XD6702 Datasheet(HTML) 12 Page - Torex Semiconductor

Back Button XD6702 Datasheet HTML 8Page - Torex Semiconductor XD6702 Datasheet HTML 9Page - Torex Semiconductor XD6702 Datasheet HTML 10Page - Torex Semiconductor XD6702 Datasheet HTML 11Page - Torex Semiconductor XD6702 Datasheet HTML 12Page - Torex Semiconductor XD6702 Datasheet HTML 13Page - Torex Semiconductor XD6702 Datasheet HTML 14Page - Torex Semiconductor XD6702 Datasheet HTML 15Page - Torex Semiconductor XD6702 Datasheet HTML 16Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
12/27
XD6702 Series
1) For temporary, transitional voltage drop or voltage rising phenomenon,
the IC is liable to malfunction should the ratings be exceeded.
2) Where wiring impedance is high, operations may become unstable due to noise and/or phase lag
depending on output current. Please keep the resistance low between VIN and VSS wiring in particular.
3) Please wire the input capacitor (CIN) and the output capacitor (CL) as close to the IC as possible.
4) Capacitances of these capacitors (CIN, CL) are decreased by the influences of bias voltage and ambient temperature.
Care shall be taken for capacitor selection to ensure stability of phase compensation from the point of ESR influence.
5) Regarding the input transient response, the undershoot at the output voltage might be larger when input voltage
variation is 5.0V or larger and the through-
rate is 0.5V/μs or higher.
If the undershoot is not acceptable, please increase the output capacitance value and evaluate the system on your PCB
well.
6) The IC goes into “undefined state” if the CE pin is not connected (Open state).
The CE pin voltage should be fixed in low or high for stable operation.
7) In general, semiconductor components have a possibility to have variation of electrical specifications due to the (cosmic)
radiation exposure. Therefore this product has the same possibility. Please inform us in advance if your system might
have a possibility to be exposed to the (cosmic) radiation in the production process (assembly, test, etc.).
8) Torex places an importance on improving our products and their reliability.
We request that users incorporate fail-safe designs and post-aging prevention treatment
when using Torex products in their systems.
■Notes on use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com