Electronic Components Datasheet Search
  English  ▼

X  

XD6702 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XD6702
Description  36V input, 300mA low supply current, high speed voltage regulators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XD6702 Datasheet(HTML) 2 Page - Torex Semiconductor

  XD6702 Datasheet HTML 1Page - Torex Semiconductor XD6702 Datasheet HTML 2Page - Torex Semiconductor XD6702 Datasheet HTML 3Page - Torex Semiconductor XD6702 Datasheet HTML 4Page - Torex Semiconductor XD6702 Datasheet HTML 5Page - Torex Semiconductor XD6702 Datasheet HTML 6Page - Torex Semiconductor XD6702 Datasheet HTML 7Page - Torex Semiconductor XD6702 Datasheet HTML 8Page - Torex Semiconductor XD6702 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
2/27
XD6702 Series
VIN
CE
Error
Amp
+
-
CEB
each
circuit
ON/OFF
Control
VSS
VOUT
R1
R2
Current Limit
Thermal Shutdown
CE
Soft Start
Voltage
Reference
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
①
Type
D
Current Limit, Thermal Shutdown,
Soft Start, CE function
②③
Output Voltage(*2)
18~J0 (*3)
For the voltage within 1.8V ~ 9.5V:
e.g. 3.3V → ②=3, ③=3
5.0V → ②=5, ③=0
For the voltage within 10.0V ~ 18.0V:
e.g. 10.0V → ②=A, ③=0
12.5V → ②=C, ③=5
18.0V → ②=J, ③=0
④
Output Voltage
Accuracy
1
± 1%
⑤⑥-⑦
Packages
(Order Unit)
PR-Q (*1)
SOT-89-5 (1,000pcs/Reel)
VOUT
(V)
PACKAGES
SOT-89-5
1.8
XD6702D181PR-Q
2.5
XD6702D251PR-Q
2.8
XD6702D281PR-Q
3.0
XD6702D301PR-Q
3.3
XD6702D331PR-Q
5.0
XD6702D501PR-Q
8.0
XD6702D801PR-Q
1) XD6702 Series D type
*The above diodes are diodes for electrostatic protection and parasitic diodes.
■PRODUCT CLASSIFICATION
1) Product code rules
XD6702①②③④⑤⑥-⑦(*1)
(*1) The “-Q” suffix denotes “AEC-Q100” and “Halogen and Antimony free” as well as being fully EU RoHS compliant.
(*2) For other voltages, please contact your local Torex sales office or representative.
(*3) From 10.0V to 18.0V, A to J excluding I are used in "②".
■STANDARD VOLTAGE
●Examples for standard voltage
■BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com