Electronic Components Datasheet Search
  English  ▼

X  

XD6702 Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XD6702
Description  36V input, 300mA low supply current, high speed voltage regulators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XD6702 Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XD6702 Datasheet HTML 3Page - Torex Semiconductor XD6702 Datasheet HTML 4Page - Torex Semiconductor XD6702 Datasheet HTML 5Page - Torex Semiconductor XD6702 Datasheet HTML 6Page - Torex Semiconductor XD6702 Datasheet HTML 7Page - Torex Semiconductor XD6702 Datasheet HTML 8Page - Torex Semiconductor XD6702 Datasheet HTML 9Page - Torex Semiconductor XD6702 Datasheet HTML 10Page - Torex Semiconductor XD6702 Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
7/27
XD6702
Series
Voltage Chart 1 <E-1>
NOMINAL
OUTPUT
VOLTAGE
<E-1>
NOMINAL
OUTPUT
VOLTAGE
<E-1>
Dropout Voltage
Vdif (mV)
(IOUT =100mA)
Dropout Voltage
Vdif (mV)
(IOUT =100mA)
Ta=25℃
-40℃≦Ta≦105℃
Ta=25℃
-40℃≦Ta≦105℃
VOUT(T) (V)
TYP.
MAX.
TYP.
MAX.
VOUT(T) (V)
TYP.
MAX.
TYP.
MAX.
1.8
1480
2700
1480
2700
5.0
350
440
350
810
1.9
1440
2600
1440
2600
5.1
2.0
1230
2500
1230
2500
5.2
2.1
2400
2400
5.3
2.2
1090
2300
1090
2300
5.4
2.3
2200
2200
5.5
2.4
1030
2100
1030
2100
5.6
2.5
2000
2000
5.7
2.6
670
1900
670
1900
5.8
2.7
1800
1800
5.9
2.8
460
1700
460
1700
6.0
2.9
1600
1600
6.5
3.0
450
1500
450
1500
7.0
3.1
1400
1400
7.5
3.2
1300
1300
8.0
3.3
430
1200
430
1200
8.5
3.4
1100
1100
9.0
3.5
1000
1000
9.5
3.6
900
900
10.0
3.7
800
10.5
3.8
700
11.0
3.9
600
11.5
4.0
530
12.0
4.1
12.5
4.2
13.0
4.3
13.5
4.4
14.0
4.5
14.5
4.6
15.0
4.7
15.5
4.8
16.0
4.9
16.5
17.0
17.5
18.0
■ELECTRICAL CHARACTERISTICS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com