Electronic Components Datasheet Search
  English  ▼

X  

LT8636 Datasheet(PDF) 11 Page - Analog Devices

Part # LT8636
Description  42V, 10A/12A Peak Synchronous Step-Down Silent Switcher 2
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8636 Datasheet(HTML) 11 Page - Analog Devices

Back Button LT8636 Datasheet HTML 7Page - Analog Devices LT8636 Datasheet HTML 8Page - Analog Devices LT8636 Datasheet HTML 9Page - Analog Devices LT8636 Datasheet HTML 10Page - Analog Devices LT8636 Datasheet HTML 11Page - Analog Devices LT8636 Datasheet HTML 12Page - Analog Devices LT8636 Datasheet HTML 13Page - Analog Devices LT8636 Datasheet HTML 14Page - Analog Devices LT8636 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LT8638S
11
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
PHMODE (Pin 1): Pin determines the phase relationship
between the LT8638S’s internal clock and CLKOUT. Tie it to
GND for 2-phase operation, float the pin for 3-phase oper-
ation, or tie it to INTVCC for 4-phase operation. See Block
Diagram for internal pull-up and pull-down resistance.
BIAS (Pin 2): The internal regulator will draw current from
BIAS instead of VIN when BIAS is tied to a voltage higher
than 3.1V. For output voltages of 3.3V to 25V this pin
should be tied to VOUT. If this pin is tied to a supply other
than VOUT use a 1µF local bypass capacitor on this pin.
If no supply is available, tie to GND. However, especially
for high input or high frequency applications, BIAS should
be tied to output or an external supply of 3.3V or above.
INTVCC (Pin 3): Internal 3.4V Regulator Bypass Pin. The
internal power drivers and control circuits are powered
from this voltage. Do not load the INTVCC pin with exter-
nal circuitry. INTVCC current will be supplied from BIAS
if BIAS > 3.1V, otherwise current will be drawn from VIN.
Voltage on INTVCC will vary between 2.8V and 3.4V when
BIAS is between 3.0V and 3.6V. Place a low ESR ceramic
capacitor of at least 1µF from this pin to ground close to
the IC.
BST (Pin 4): This pin is used to provide a drive volt-
age, higher than the input voltage, to the topside power
switch. Place a 0.1µF boost capacitor as close as possible
to the IC.
SW (Pins 5–8): The SW pins are the outputs of the inter-
nal power switches. Tie these pins together and connect
them to the inductor. This node should be kept small on
the PCB for good performance and low EMI.
GND (Pins 9–14, 20, Exposed Pad Pins 29–32): Ground.
Place the negative terminal of the input capacitor as close
to the GND pins as possible. The exposed pads should
be soldered to the PCB for good thermal performance. If
necessary due to manufacturing limitations Pins 29 to 32
may be left disconnected, however thermal performance
will be degraded.
VIN (Pins 15–18): The VIN pins supply current to the
LT8638S internal circuitry and to the internal topside
power switch. These pins must be tied together and be
locally bypassed with a capacitor of 4.7µF or more. Be
sure to place the positive terminal of the input capacitor
as close as possible to the VIN pins, and the negative
capacitor terminal as close as possible to the GND pins.
NC (Pins 19): No Connect. This pin is not connected to
internal circuitry and can be tied anywhere on the PCB,
typically ground.
EN/UV (Pin 21): The LT8638S is shut down when this
pin is low and active when this pin is high. The hyster-
etic threshold voltage is 0.98V going up and 0.94V going
down. Tie to VIN if the shutdown feature is not used. An
external resistor divider from VIN can be used to program
a VIN threshold below which the LT8638S will shut down.
RT (Pin 22): A resistor is tied between RT and ground to
set the switching frequency.
CLKOUT (Pin 23): Output Clock Signal for PolyPhase
Operation. In forced continuous mode, spread spectrum,
and synchronization modes, the CLKOUT pin provides a
50% duty cycle square wave of the switching frequency.
The phase of CLKOUT with respect to the LT8638S’s
internal clock is determined by the state of the PHMODE
pin. CLKOUT’s peak-to-peak amplitude is INTVCC to GND.
In Burst Mode operation, the CLKOUT pin will be low. Float
this pin if the CLKOUT function is not used.
SYNC/MODE (Pin 24): For the LT8638S, this pin programs
four different operating modes: 1) Burst Mode operation.
Tie this pin to ground for Burst Mode operation at low
output loads—this will result in low quiescent current.
2) Forced Continuous mode (FCM). This mode offers
fast transient response and full frequency operation
over a wide load range. Float this pin for FCM. When
floating, pin leakage currents should be <1µA. 3) Spread
spectrum mode. Tie this pin high to INTVCC (or >3V)
for forced continuous mode with spread spectrum
modulation. 4) Synchronization mode. Drive this pin with
a clock source to synchronize to an external frequency.
During synchronization the part will operate in forced
continuous mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com