Electronic Components Datasheet Search
  English  ▼

X  

LT8636 Datasheet(PDF) 23 Page - Analog Devices

Part # LT8636
Description  42V, 10A/12A Peak Synchronous Step-Down Silent Switcher 2
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8636 Datasheet(HTML) 23 Page - Analog Devices

Back Button LT8636 Datasheet HTML 19Page - Analog Devices LT8636 Datasheet HTML 20Page - Analog Devices LT8636 Datasheet HTML 21Page - Analog Devices LT8636 Datasheet HTML 22Page - Analog Devices LT8636 Datasheet HTML 23Page - Analog Devices LT8636 Datasheet HTML 24Page - Analog Devices LT8636 Datasheet HTML 25Page - Analog Devices LT8636 Datasheet HTML 26Page - Analog Devices LT8636 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LT8638S
23
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Output Power Good
When the LT8638S device’s output voltage is within the
±7.75% window of the regulation point, the output voltage
is considered good and the open-drain PG pin goes high
impedance and is typically pulled high with an external
resistor. Otherwise, the internal pull-down device will pull
the PG pin low. To prevent glitching both the upper and
lower thresholds include 0.4% of hysteresis. PG is valid
when VIN is above 2.8V.
The PG pin is also actively pulled low during several fault
conditions: EN/UV pin is below 0.98V, INTVCC has fallen
too low, VIN is too low, or thermal shutdown.
Shorted and Reversed Input Protection
The LT8638S will tolerate a shorted output. Several fea-
tures are used for protection during output short-cir-
cuit and brownout conditions. The first is the switching
frequency will be folded back while the output is lower
than the set point to maintain inductor current control.
Second, the bottom switch current is monitored such that
if inductor current is beyond safe levels switching of the
top switch will be delayed until such time as the inductor
current falls to safe levels.
Frequency foldback behavior depends on the state of the
SYNC pin: If the SYNC pin is low the switching frequency
will slow while the output voltage is lower than the pro-
grammed level. If the SYNC pin is connected to a clock
source, floated or tied high, the LT8638S will stay at the
programmed frequency without foldback and only slow
switching if the inductor current exceeds safe levels.
There is another situation to consider in systems where
the output will be held high when the input to the LT8638S
is absent. This may occur in battery charging applica-
tions or in battery-backup systems where a battery or
some other supply is diode ORed with the LT8638S
device’s output. If the VIN pin is allowed to float and the
EN pin is held high (either by a logic signal or because
it is tied to VIN), then the LT8638S device’s internal
circuitry will pull its quiescent current through its SW
pin. This is acceptable if the system can tolerate several
µA in this state. If the EN pin is grounded the SW pin
current will drop to near 6µA. However, if the VIN pin is
grounded while the output is held high, regardless of
EN, parasitic body diodes inside the LT8638S can pull
current from the output through the SW pin and the
VIN pin. Figure 7 shows a connection of the VIN and
EN/UV pins that will allow the LT8638S to run only when
the input voltage is present and that protects against a
shorted or reversed input.
VIN
VIN
D1
LT8638S
EN/UV
8638S F07
GND
Figure 7. Reverse VIN Protection
Thermal Considerations and Peak Output Current
For higher ambient temperatures, care should be taken in
the layout of the PCB to ensure good heat sinking of the
LT8638S. The ground pins on the bottom of the package
should be soldered to a ground plane. This ground should
be tied to large copper layers below with thermal vias;
these layers will spread heat dissipated by the LT8638S.
Placing additional vias can reduce thermal resistance
further. The maximum load current should be derated
as the ambient temperature approaches the maximum
junction rating. Power dissipation within the LT8638S
can be estimated by calculating the total power loss from
an efficiency measurement and subtracting the inductor
loss. The die temperature is calculated by multiplying the
LT8638S power dissipation by the thermal resistance
from junction to ambient.
The internal overtemperature protection monitors the
junction temperature of the LT8638S. If the junction
temperature reaches approximately 175°C, the LT8638S
will stop switching and indicate a fault condition until the
temperature drops about 10°C cooler.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com