Electronic Components Datasheet Search
  English  ▼

X  

LT8636 Datasheet(PDF) 18 Page - Analog Devices

Part # LT8636
Description  42V, 10A/12A Peak Synchronous Step-Down Silent Switcher 2
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8636 Datasheet(HTML) 18 Page - Analog Devices

Back Button LT8636 Datasheet HTML 14Page - Analog Devices LT8636 Datasheet HTML 15Page - Analog Devices LT8636 Datasheet HTML 16Page - Analog Devices LT8636 Datasheet HTML 17Page - Analog Devices LT8636 Datasheet HTML 18Page - Analog Devices LT8636 Datasheet HTML 19Page - Analog Devices LT8636 Datasheet HTML 20Page - Analog Devices LT8636 Datasheet HTML 21Page - Analog Devices LT8636 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LT8638S
18
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
table showing the necessary RT value for a desired switch-
ing frequency is in Table 1.
The RT resistor required for a desired switching frequency
can be calculated using Equation 2.
RT =
44.8
fSW
– 5.9
(2)
where RT is in kΩ and fSW is the desired switching fre-
quency in MHz.
Table 1. SW Frequency vs RT Value
fSW (MHz)
RT (kΩ)
0.2
226
0.3
143
0.4
105
0.5
82.5
0.6
66.5
0.7
56.2
0.8
48.7
1.0
38.3
1.2
31.6
1.4
26.1
1.6
22.1
1.8
19.1
2.0
16.9
2.2
15.4
3.0
10.5
Operating Frequency Selection and Trade-Offs
Selection of the operating frequency is a trade-off
between efficiency, component size, and input voltage
range. The advantage of high frequency operation is that
smaller inductor and capacitor values may be used. The
disadvantages are lower efficiency and a smaller input
voltage range.
The highest switching frequency (fSW(MAX)) for a given
application can be calculated as follows:
fSW(MAX)=
VOUT +VSW(BOT)
tON(MIN) VIN – VSW(TOP)+VSW(BOT)
(
)
(3)
where VIN is the typical input voltage, VOUT is the output
voltage, VSW(TOP) and VSW(BOT) are the internal switch
drops (~0.2V, ~0.08V, respectively at maximum load)
and tON(MIN) is the minimum top switch on-time (see the
Electrical Characteristics). Equation 3 shows that a slower
switching frequency is necessary to accommodate a high
VIN/VOUT ratio.
For transient operation, VIN may go as high as the abso-
lute maximum rating of 42V regardless of the RT value,
however the LT8638S will reduce switching frequency
as necessary to maintain control of inductor current to
assure safe operation.
The LT8638S is capable of a maximum duty cycle of
approximately 99%, and the VIN-to-VOUT dropout is lim-
ited by the RDS(ON) of the top switch. In this mode the
LT8638S skips switch cycles, resulting in a lower switch-
ing frequency than programmed by RT.
For applications that cannot allow deviation from the pro-
grammed switching frequency at low VIN/VOUT ratios use
Equation 4 to set switching frequency.
VIN(MIN)=
VOUT +VSW(BOT)
1– fSW • tOFF(MIN)
– VSW(BOT)+VSW(TOP) (4)
where VIN(MIN) is the minimum input voltage without
skipped cycles, VOUT is the output voltage, VSW(TOP) and
VSW(BOT) are the internal switch drops (~0.2V, ~0.08V,
respectively at maximum load), fSW is the switching
frequency (set by RT), and tOFF(MIN) is the minimum
switch off-time. Note that higher switching frequency will
increase the minimum input voltage below which cycles
will be dropped to achieve higher duty cycle.
Inductor Selection and Maximum Output Current
The LT8638S is designed to minimize solution size by
allowing the inductor to be chosen based on the output
load requirements of the application. During overload
or short-circuit conditions the LT8638S safely tolerates
operation with a saturated inductor through the use of a
high speed peak-current mode architecture.
A good first choice for the inductor value is given by
Equation 5.
L =
VOUT +VSW(BOT)
fSW
⎛
⎝⎜
⎞
⎠⎟
•0.2
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com