Electronic Components Datasheet Search
  English  ▼

X  

LT8636 Datasheet(PDF) 19 Page - Analog Devices

Part # LT8636
Description  42V, 10A/12A Peak Synchronous Step-Down Silent Switcher 2
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8636 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT8636 Datasheet HTML 15Page - Analog Devices LT8636 Datasheet HTML 16Page - Analog Devices LT8636 Datasheet HTML 17Page - Analog Devices LT8636 Datasheet HTML 18Page - Analog Devices LT8636 Datasheet HTML 19Page - Analog Devices LT8636 Datasheet HTML 20Page - Analog Devices LT8636 Datasheet HTML 21Page - Analog Devices LT8636 Datasheet HTML 22Page - Analog Devices LT8636 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LT8638S
19
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
where fSW is the switching frequency in MHz, VOUT is
the output voltage, VSW(BOT) is the bottom switch drop
(~0.08V) and L is the inductor value in µH.
To avoid overheating and poor efficiency, an inductor must
be chosen with an RMS current rating that is greater than
the maximum expected output load of the application.
In addition, the saturation current (typically labeled ISAT)
rating of the inductor must be higher than the load current
plus 1/2 of in inductor ripple current (Equation 6)
IL(PEAK) =ILOAD(MAX)+
1
2
ΔIL
(6)
where ∆IL is the inductor ripple current as calculated in
Equation 8 and ILOAD(MAX) is the maximum output load
for a given application.
As a quick example, an application requiring 3A output
should use an inductor with an RMS rating of greater than
3A and an ISAT of greater than 4A. During long duration
overload or short-circuit conditions, the inductor RMS
rating requirement is greater to avoid overheating of the
inductor. To keep the efficiency high, the series resistance
(DCR) should be less than 8mΩ, and the core material
should be intended for high frequency applications.
The LT8638S limits the peak switch current in order
to protect the switches and the system from overload
faults. The top switch current limit (ILIM) is 20A at low
duty cycles and decreases linearly to 15A at DC = 0.8.
The inductor value must then be sufficient to supply the
desired maximum output current (IOUT(MAX)), which is a
function of the switch current limit (ILIM) and the ripple
current (Equation 7).
IOUT(MAX) =ILIM –
ΔIL
2
(7)
The peak-to-peak ripple current in the inductor can be
calculated using Equation 8.
ΔIL =
VOUT
L • fSW
• 1–
VOUT
VIN(MAX)
⎛
⎝
⎜
⎞
⎠
⎟
(8)
where fSW is the switching frequency of the LT8638S, and
L is the value of the inductor. Therefore, the maximum
output current that the LT8638S will deliver depends on
the switch current limit, the inductor value, and the input
and output voltages. The inductor value may have to be
increased if the inductor ripple current does not allow
sufficient maximum output current (IOUT(MAX)) given the
switching frequency, and maximum input voltage used in
the desired application.
In order to achieve higher light load efficiency, more
energy must be delivered to the output during the sin-
gle small pulses in Burst Mode operation such that the
LT8638S can stay in sleep mode longer between each
pulse. This can be achieved by using a larger value induc-
tor (i.e., 4.7µH), and should be considered independent
of switching frequency when choosing an inductor. For
example, while a lower inductor value would typically be
used for a high switching frequency application, if high
light load efficiency is desired, a higher inductor value
should be chosen. See curve in Typical Performance
Characteristics.
The optimum inductor for a given application may differ
from the one indicated by this design guide. A larger value
inductor provides a higher maximum load current and
reduces the output voltage ripple. For applications requir-
ing smaller load currents, the value of the inductor may
be lower and the LT8638S may operate with higher ripple
current. This allows use of a physically smaller inductor,
or one with a lower DCR resulting in higher efficiency. Be
aware that low inductance may result in discontinuous
mode operation, which further reduces maximum load
current.
For more information about maximum output current and
discontinuous operation, see Analog Devices’ Application
Note 44.
For duty cycles greater than 50% (VOUT/VIN > 0.5), a
minimum inductance is required to avoid subharmonic
oscillation (Equation 9). See Application Note 19 for
more details.
LMIN =
VIN(2•DC−1)
5
•fSW
(9)
where DC is the duty cycle ratio (VOUT/VIN) and fSW is the
switching frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com