Electronic Components Datasheet Search
  English  ▼

X  

LT8636 Datasheet(PDF) 20 Page - Analog Devices

Part # LT8636
Description  42V, 10A/12A Peak Synchronous Step-Down Silent Switcher 2
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8636 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT8636 Datasheet HTML 16Page - Analog Devices LT8636 Datasheet HTML 17Page - Analog Devices LT8636 Datasheet HTML 18Page - Analog Devices LT8636 Datasheet HTML 19Page - Analog Devices LT8636 Datasheet HTML 20Page - Analog Devices LT8636 Datasheet HTML 21Page - Analog Devices LT8636 Datasheet HTML 22Page - Analog Devices LT8636 Datasheet HTML 23Page - Analog Devices LT8636 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LT8638S
20
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Input Capacitors
The VIN of the LT8638S should be bypassed with at least
three ceramic capacitors for best performance. Two small
ceramic capacitors of <1µF can be placed close to the part
(COPT1, COPT2). These capacitors should be 0402 or 0603
in size. For automotive applications requiring 2 series
input capacitors, two small 0402 or 0603 may be placed
at each side of the LT8638S near the VIN and GND pins.
A third, larger ceramic capacitor of 4.7µF or larger should
be placed close to COPT1 or COPT2. See Low EMI PCB
Layout section for more detail. X7R or X5R capacitors are
recommended for best performance across temperature
and input voltage variations.
Note that larger input capacitance is required when a lower
switching frequency is used. If the input power source has
high impedance, or there is significant inductance due to
long wires or cables, additional bulk capacitance may be
necessary. This can be provided with a low performance
electrolytic capacitor.
A ceramic input capacitor combined with trace or
cable inductance forms a high quality (under damped)
tank circuit. If the LT8638S circuit is plugged into a live
supply, the input voltage can ring to twice its nominal
value, possibly exceeding the LT8638S device’s voltage
rating. This situation is easily avoided (see Analog Devices
Application Note 88).
Output Capacitor and Output Ripple
The output capacitor has two essential functions. Along
with the inductor, it filters the square wave generated by
the LT8638S to produce the DC output. In this role it
determines the output ripple, thus low impedance at the
switching frequency is important. The second function is
to store energy in order to satisfy transient loads and sta-
bilize the LT8638S device’s control loop. Ceramic capaci-
tors have very low equivalent series resistance (ESR) and
provide the best ripple performance. For good starting
values, see the Typical Applications section.
Use X5R or X7R types. This choice will provide low output
ripple and good transient response. Transient performance
can be improved with a higher value output capacitor and
the addition of a feedforward capacitor placed between
VOUT and FB. Increasing the output capacitance will also
decrease the output voltage ripple. A lower value of output
capacitor can be used to save space and cost but transient
performance will suffer and may cause loop instability.
See the Typical Applications in this data sheet for sug-
gested capacitor values.
When choosing a capacitor, special attention should be
given to the data sheet to calculate the effective capaci-
tance under the relevant operating conditions of voltage
bias and temperature. A physically larger capacitor or one
with a higher voltage rating may be required.
Ceramic Capacitors
Ceramic capacitors are small, robust and have very low
ESR. However, ceramic capacitors can cause problems
when used with the LT8638S due to their piezoelectric
nature. When in Burst Mode operation, the LT8638S’s
switching frequency depends on the load current, and
at very light loads the LT8638S can excite the ceramic
capacitor at audio frequencies, generating audible noise.
Since the LT8638S operates at a lower current limit during
Burst Mode operation, the noise is typically very quiet to a
casual ear. If this is unacceptable, use a high performance
tantalum or electrolytic capacitor at the output. Low noise
ceramic capacitors are also available.
A final precaution regarding ceramic capacitors concerns
the maximum input voltage rating of the LT8638S. As
previously mentioned, a ceramic input capacitor com-
bined with trace or cable inductance forms a high qual-
ity (underdamped) tank circuit. If the LT8638S circuit is
plugged into a live supply, the input voltage can ring to
twice its nominal value, possibly exceeding the LT8638S
device’s rating. This situation is easily avoided (see Analog
Devices Application Note 88).
Enable Pin
The LT8638S is in shutdown when the EN pin is low and
active when the pin is high. The rising threshold of the EN
comparator is 0.98V, with 40mV of hysteresis. The EN pin
can be tied to VIN if the shutdown feature is not used, or
tied to a logic level if shutdown control is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com