Electronic Components Datasheet Search
  English  ▼

X  

LT8636 Datasheet(PDF) 16 Page - Analog Devices

Part # LT8636
Description  42V, 10A/12A Peak Synchronous Step-Down Silent Switcher 2
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8636 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT8636 Datasheet HTML 12Page - Analog Devices LT8636 Datasheet HTML 13Page - Analog Devices LT8636 Datasheet HTML 14Page - Analog Devices LT8636 Datasheet HTML 15Page - Analog Devices LT8636 Datasheet HTML 16Page - Analog Devices LT8636 Datasheet HTML 17Page - Analog Devices LT8636 Datasheet HTML 18Page - Analog Devices LT8636 Datasheet HTML 19Page - Analog Devices LT8636 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LT8638S
16
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Burst Mode Operation
To enhance efficiency at light loads, the LT8638S oper-
ates in low ripple Burst Mode operation, which keeps the
output capacitor charged to the desired output voltage
while minimizing the input quiescent current and min-
imizing output voltage ripple. In Burst Mode operation
the LT8638S delivers single small pulses of current to
the output capacitor followed by sleep periods where the
output power is supplied by the output capacitor. While
in sleep mode the LT8638S consumes 125µA.
As the output load decreases, the frequency of single cur-
rent pulses decreases (see Figure 2) and the percentage
of time the LT8638S is in sleep mode increases, resulting
in much higher light load efficiency than for typical con-
verters. By maximizing the time between pulses, the qui-
escent current approaches 90µA for a typical application
when there is no output load. Therefore, to optimize the
quiescent current performance at light loads, the current
in the feedback resistor divider must be minimized as it
appears to the output as load current.
FRONT PAGE APPLICATION
VIN = 12V
VOUT = 5V
LOAD CURRENT (A)
0
0.2
0.4
0.6
0.8
1
0
200
400
600
800
1000
1200
8638S F02
Figure 2. SW Frequency vs Load Information in
Burst Mode Operation
In order to achieve higher light load efficiency, more
energy must be delivered to the output during the sin-
gle small pulses in Burst Mode operation such that the
LT8638S can stay in sleep mode longer between each
pulse. This can be achieved by using a larger value induc-
tor (i.e., 4.7µH), and should be considered independent
of switching frequency when choosing an inductor. For
example, while a lower inductor value would typically be
used for a high switching frequency application, if high
light load efficiency is desired, a higher inductor value
should be chosen. See curve in Typical Performance
Characteristics.
While in Burst Mode operation the current limit of the
top switch is approximately 2A (as shown in Figure 3),
resulting in low output voltage ripple. Increasing the out-
put capacitance will decrease output ripple proportionally.
As load ramps upward from zero the switching frequency
will increase but only up to the switching frequency pro-
grammed by the resistor at the RT pin as shown in Figure 2.
FRONT PAGE APPLICATION
12VIN to 5VOUT AT 10mA
Burst Mode OPERATION
20µs/DIV
IL
1A/DIV
VSW
5V/DIV
8638S F03
Figure 3. Burst Mode Operation
The output load at which the LT8638S reaches the pro-
grammed frequency varies based on input voltage, output
voltage and inductor choice. To select low ripple Burst
Mode operation, tie the SYNC/MODE pin below 0.7V (this
can be ground or a logic low output).
Forced Continuous Mode
The LT8638S can operate in forced continuous mode
(FCM) for fast transient response and full frequency oper-
ation over a wide load range. When in FCM, the oscillator
operates continuously and positive SW transitions are
aligned to the clock. Negative inductor current is allowed
at light loads or under large transient conditions. The
LT8638S can sink current from the output and return
this charge to the input in this mode, improving load step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com