Electronic Components Datasheet Search
  English  ▼

X  

LTM8071 Datasheet(PDF) 7 Page - Analog Devices

Part # LTM8071
Description  Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8071 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTM8071 Datasheet HTML 3Page - Analog Devices LTM8071 Datasheet HTML 4Page - Analog Devices LTM8071 Datasheet HTML 5Page - Analog Devices LTM8071 Datasheet HTML 6Page - Analog Devices LTM8071 Datasheet HTML 7Page - Analog Devices LTM8071 Datasheet HTML 8Page - Analog Devices LTM8071 Datasheet HTML 9Page - Analog Devices LTM8071 Datasheet HTML 10Page - Analog Devices LTM8071 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTM8060
7
Rev. 0
For more information www.analog.com
Derating, VOUT = 3.3V
BIAS = 5V, DC2820A Demo Board
TJ = 120°C, Burst Mode
All Channels at Same Load
Derating, VOUT = 3.3V, fSW = 2MHz
BIAS = 5V, DC2820A Demo Board
TJ = 120°C, Burst Mode
All Channels at Same Load
Derating, VOUT = 5V
BIAS = 5V, DC2820A Demo Board
TJ = 120°C, Burst Mode
All Channels at Same Load
Derating, VOUT = 5V, fSW = 2MHz
BIAS = 5V, DC2820A Demo Board
TJ = 120°C, Burst Mode
All Channels at Same Load
Derating, VOUT = 8V
BIAS = 5V, DC2820A Demo Board
TJ = 120°C, Burst Mode
All Channels at Same Load
TA = 25°C, operating per Table 1,unless otherwise noted.
TYPICAL PERFORMANCE CHARACTERISTICS
Derating with Airflow
12VIN to 3.3VOUT, TJ = 120°C
BIAS = 5V, DC2820A Demo Board
Forced Continuous Mode
All Channels at Same Load
Derating with Airflow
12VIN to 1.5VOUT, TJ = 120°C
BIAS = 5V, DC2820A Demo Board
Forced Continuous Mode
All Channels at Same Load
Derating with Airflow
36VIN to 1.5VOUT, TJ = 120°C
BIAS = 5V, DC2820A Demo Board
Forced Continuous Mode
All Channels at Same Load
0 LFM
12VIN
24VIN
36VIN
AMBIENT TEMPERATURE (oC)
0
25
50
75
100
125
0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
All Channels At Same Load
TJMAX = 120oC, Burst Mode
BIAS = 5V, DC2820A Demo Bd
Derating, VOUT = 3.3V
8060 G28
0 LFM
12VIN
24VIN
36VIN
AMBIENT TEMPERATURE (oC)
0
25
50
75
100
125
0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
All Channels At Same Load
TJMAX = 120oC, Burst Mode
BIAS = 5V, DC2820A Demo Bd
Derating, VOUT = 3.3V, FSW = 2MHz
8060 G29
0 LFM
12VIN
24VIN
36VIN
AMBIENT TEMPERATURE (oC)
0
25
50
75
100
125
0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
All Channels At Same Load
TJMAX = 120oC, Burst Mode
BIAS = 5V, DC2820A Demo Bd
Derating, VOUT = 5V
8060 G30
0 LFM
12VIN
24VIN
36VIN
AMBIENT TEMPERATURE (oC)
0
25
50
75
100
125
0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
All Channels At Same Load
TJMAX = 120oC, Burst Mode
BIAS = 5V, DC2820A Demo Bd
Derating, VOUT = 5V, FSW = 2MHz
8060 G31
0 LFM
12VIN
24VIN
36VIN
AMBIENT TEMPERATURE (oC)
0
25
50
75
100
125
0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
All Channels At Same Load
TJMAX = 120oC, Burst Mode
BIAS = 5V, DC2820A Demo Bd
Derating, VOUT = 8V
8060 G32
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (oC)
0
25
50
75
100
125
0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
All Channels At Same Load
Forced Continuous Mode
BIAS = 5V, DC2820A Demo Bd
12VIN to 1.5VOUT, TJMAX = 120oC
Derating with Airflow
8060 G33
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (oC)
0
25
50
75
100
125
0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
All Channels At Same Load
Forced Continuous Mode
BIAS = 5V, DC2820A Demo Bd
24VIN to 1.5VOUT, TJMAX = 120oC
Derating with Airflow
8060 G34
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (oC)
0
25
50
75
100
125
0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
All Channels At Same Load
Forced Continuous Mode
BIAS = 5V, DC2820A Demo Bd
36VIN to 1.5VOUT, TJMAX = 120oC
Derating with Airflow
8060 G35
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (oC)
0
25
50
75
100
125
0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
All Channels At Same Load
Forced Continuous Mode
BIAS = 5V, DC2820A Demo Bd
12VIN to 3.3VOUT, TJMAX = 120oC
Derating with Airflow
8060 G36
Derating with Airflow
12VIN to 1.5VOUT, TJ = 120°C
BIAS = 5V, DC2820A Demo Board
Forced Continuous Mode
All Channels at Same Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com