Electronic Components Datasheet Search
  English  ▼

X  

LTM8071 Datasheet(PDF) 22 Page - Analog Devices

Part # LTM8071
Description  Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8071 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTM8071 Datasheet HTML 18Page - Analog Devices LTM8071 Datasheet HTML 19Page - Analog Devices LTM8071 Datasheet HTML 20Page - Analog Devices LTM8071 Datasheet HTML 21Page - Analog Devices LTM8071 Datasheet HTML 22Page - Analog Devices LTM8071 Datasheet HTML 23Page - Analog Devices LTM8071 Datasheet HTML 24Page - Analog Devices LTM8071 Datasheet HTML 25Page - Analog Devices LTM8071 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LTM8060
22
Rev. 0
For more information www.analog.com
Figure 6. 5.5V to 40V Input to Paralleled 3.3V at 6A; 3.2V to 40V Input to Paralleled 1.5V at 6A
TYPICAL APPLICATIONS
35.7k
39.2k
47µF
×2
64.9k
100µF
×2
143k
4.7µF
×2
C4
1nF
VIN1
RUN1
RT12
SYNC12
VIN2
RUN2
fSW12 = 1MHz
VOUT1
VIN12
FB1
GND
VOUT2
5.5V TO 40V
VIN34
RUN3
RT34
SYNC34
fSW34 = 600kHz
VOUT3
FB3
GND
VOUT4
VOUT12
3.3V
6A
VOUT34
1.5V
6A
RUN4
TRSS1
TRSS2
TRSS3
TRSS4
FB2
FB4
VIN34
3.2V TO 40V
SHARE1
SHARE2
SHARE3
SHARE4
C5
1nF
8060 F06
PINS NOT USED:
AUX1, AUX2, AUX3, AUX4,
BIAS12, BIAS34
PG1, PG2, PG3,
PG4, CLKOUT12,
CLKOUT34
4.7µF
×2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com