Electronic Components Datasheet Search
  English  ▼

X  

LTM8071 Datasheet(PDF) 24 Page - Analog Devices

Part # LTM8071
Description  Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8071 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTM8071 Datasheet HTML 20Page - Analog Devices LTM8071 Datasheet HTML 21Page - Analog Devices LTM8071 Datasheet HTML 22Page - Analog Devices LTM8071 Datasheet HTML 23Page - Analog Devices LTM8071 Datasheet HTML 24Page - Analog Devices LTM8071 Datasheet HTML 25Page - Analog Devices LTM8071 Datasheet HTML 26Page - Analog Devices LTM8071 Datasheet HTML 27Page - Analog Devices LTM8071 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LTM8060
24
Rev. 0
For more information www.analog.com
Figure 8. Two LTM8060 are Paralleled to Supply 1V/24A Output in Forced Continuous Mode
TYPICAL APPLICATIONS
4.7µF
×4
100k
100k
100µF
×4
4.7µF
×4
100k
100k
100µF
×4
C4
4.7nF
VIN1
RUN1
RT12
SYNC12
VIN2
RUN2
fSW12 = 400kHz
VOUT1
VIN
VOUT2
3V TO
40V
VIN34
RUN3
RT34
fSW34 = 400kHz
VOUT3
GND
VOUT4
PINS NOT USED:
AUX, AUX2, AUX3, AUX4,
BIAS12, BIAS34
PG1, PG2, PG3, PG4
RUN4
VIN1
RUN1
RT12
SYNC12
VIN2
RUN2
fSW12 = 400kHz
VOUT1
VOUT2
VIN34
RUN3
RT34
fSW34 = 400kHz
VOUT3
GND
VOUT4
VOUT
1V
24A
RUN4
CLKOUT34
8060 F08
249k
FB1
FB3
FB2
FB4
CLKOUT12
SYNC34
249k
FB1
FB3
FB2
FB4
CLKOUT12
SYNC34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com