Electronic Components Datasheet Search
  English  ▼

X  

LTM8071 Datasheet(PDF) 28 Page - Analog Devices

Part # LTM8071
Description  Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8071 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTM8071 Datasheet HTML 20Page - Analog Devices LTM8071 Datasheet HTML 21Page - Analog Devices LTM8071 Datasheet HTML 22Page - Analog Devices LTM8071 Datasheet HTML 23Page - Analog Devices LTM8071 Datasheet HTML 24Page - Analog Devices LTM8071 Datasheet HTML 25Page - Analog Devices LTM8071 Datasheet HTML 26Page - Analog Devices LTM8071 Datasheet HTML 27Page - Analog Devices LTM8071 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LTM8060
28
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2021
04/21
www.analog.com
RELATED PARTS
PACKAGE PHOTO
DESIGN RESOURCES
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources
Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
Digital Power System Management
Analog Devices’ family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.
PART NUMBER DESCRIPTION 
COMMENTS
LTM4613
36V, 8A Low EMI Step-Down µModule Regulator
5V ≤ VIN ≤ 36V, 3.3V ≤ VOUT ≤ 15V, EN55022B Compliant, 15mm × 15mm
× 4.32mm LGA, 15mm × 15mm × 4.92mm BGA Packages
LTM8063
40V, 2A Step-Down Silent Switcher µModule Regulator
3.2V ≤ VIN ≤ 40V, 0.8V ≤ VOUT ≤ 15V, 4mm × 6.25mm × 2.22mm BGA Package
LTM8065
40V, 2.5A Step-Down Silent Switcher µModule Regulator
3.4V ≤ VIN ≤ 40V, 0.97V ≤ VOUT ≤ 18V, 6.25mm × 6.25mm × 2.32mm
BGA Package
LTM8053
40V, 3.5A Step-Down Silent Switcher µModule Regulator
3.4V ≤ VIN ≤ 40V, 0.97V ≤ VOUT ≤ 15V, 6.25mm × 9mm × 3.32mm
BGA Package
LTM8078
40V, Dual 1.4A Step-Down  Silent Switcher µModule
Regulator
3V ≤ VIN ≤ 40V, 0.8V ≤ VOUT ≤ 10V, 6.25mm × 6.25mm × 2.32mm
BGA Package
LTM8024
40V, Dual 3.5A Step-Down Silent Switcher µModule Regulator 3V ≤ VIN ≤ 40V, 0.8V ≤ VOUT ≤ 8V, 9mm × 11.25mm × 3.32mm
BGA Package
LTM8073
60V, 3A Step-Down µModule Regulator
3.4V ≤ VIN ≤ 60V, 0.85V ≤ VOUT ≤ 15V, 6.25mm × 9mm × 3.32mm
BGA Package
LTM8071
60V, 5A Step-Down Silent Switcher µModule Regulator
3.6V ≤ VIN ≤ 60V, 0.97V ≤ VOUT ≤ 15V, 9mm × 11.25mm × 3.32mm
BGA Package
LTM8051
40V, Quad 1.2A Step-Down Silent Switcher µModule Regulator 3V ≤ VIN ≤ 40V, 0.8V ≤ VOUT ≤ 8V, 6.25mm × 11.25mm × 2.32mm
BGA Package
LTM4643
Quad 3A, 20V Step-Down µModule Regulator
4V ≤ VIN ≤ 20V, 0.6V ≤ VOUT ≤ 3.3V, 9mm × 15mm × 1.82mm
LGA, 9mm × 15mm × 2.42mm BGA Packages
LTM4644
Quad 4A, 14V Step-Down µModule Regulator
4V ≤ VIN ≤ 14V, 0.6V ≤ VOUT ≤ 5.5V, 9mm × 15mm × 5.01mm BGA Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com